Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 55Page - Texas Instruments AM3351 Datasheet HTML 56Page - Texas Instruments AM3351 Datasheet HTML 57Page - Texas Instruments AM3351 Datasheet HTML 58Page - Texas Instruments AM3351 Datasheet HTML 59Page - Texas Instruments AM3351 Datasheet HTML 60Page - Texas Instruments AM3351 Datasheet HTML 61Page - Texas Instruments AM3351 Datasheet HTML 62Page - Texas Instruments AM3351 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 252 page
background image
59
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
4.3.3
Miscellaneous
Table 4-12. Miscellaneous/Miscellaneous Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
clkout1
Clock out1
O
C15
A15
clkout2
Clock out2
O
B15
D14
ENZ_KALDO_1P8V
Active low enable input for internal
CAP_VDD_RTC voltage regulator
I
A7
B4
EXT_WAKEUP
EXT_WAKEUP input
I
B5
C5
nNMI
External Interrupt to ARM Cortex-A8 core
I
C17
B18
nRESETIN_OUT
Active low Warm Reset
I/OD
A16
A10
OSC0_IN
High frequency oscillator input
I
W11
V10
OSC0_OUT
High frequency oscillator output
O
W12
U11
OSC1_IN
Low frequency (32.768 kHz) Real Time Clock
oscillator input
I
A6
A6
OSC1_OUT
Low frequency (32.768 kHz) Real Time Clock
oscillator output
O
A5
A4
PMIC_POWER_EN
PMIC_POWER_EN output
O
C7
C6
porz
Active low Power on Reset
I
E15
B15
RTC_PORz
Active low RTC reset input
I
B7
B5
tclkin
Timer Clock In
I
B15
D14
xdma_event_intr0
External DMA Event or Interrupt 0
I
C15
A15
xdma_event_intr1
External DMA Event or Interrupt 1
I
B15
D14
xdma_event_intr2
External DMA Event or Interrupt 2
I
B16, E18, K18
C15, C18, H18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com