Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 47Page - Texas Instruments AM3351 Datasheet HTML 48Page - Texas Instruments AM3351 Datasheet HTML 49Page - Texas Instruments AM3351 Datasheet HTML 50Page - Texas Instruments AM3351 Datasheet HTML 51Page - Texas Instruments AM3351 Datasheet HTML 52Page - Texas Instruments AM3351 Datasheet HTML 53Page - Texas Instruments AM3351 Datasheet HTML 54Page - Texas Instruments AM3351 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 252 page
background image
51
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
(1) SIGNAL NAME: The signal name
(2) DESCRIPTION: Description of the signal
(3) TYPE: Ball type for this specific function:
–
I = Input
–
O = Output
–
I/O = Input/Output
–
D = Open drain
–
DS = Differential
–
A = Analog
(4) BALL: Package ball location
Table 4-3. ADC Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
AIN0
Analog Input/Output
A
B8
B6
AIN1
Analog Input/Output
A
A11
C7
AIN2
Analog Input/Output
A
A8
B7
AIN3
Analog Input/Output
A
B11
A7
AIN4
Analog Input/Output
A
C8
C8
AIN5
Analog Input
A
B12
B8
AIN6
Analog Input
A
A10
A8
AIN7
Analog Input
A
A12
C9
VREFN
Analog Negative Reference Input
AP
B9
A9
VREFP
Analog Positive Reference Input
AP
A9
B9
Table 4-4. Debug Subsystem Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
EMU0
MISC EMULATION PIN
I/O
A15
C14
EMU1
MISC EMULATION PIN
I/O
D14
B14
EMU2
MISC EMULATION PIN
I/O
A18, C15
A15, A17, C13
EMU3
MISC EMULATION PIN
I/O
B15, B18
B17, D13, D14
EMU4
MISC EMULATION PIN
I/O
B16, U17
A14, C15, T13
nTRST
JTAG TEST RESET (ACTIVE LOW)
I
A13
B10
TCK
JTAG TEST CLOCK
I
B14
A12
TDI
JTAG TEST DATA INPUT
I
B13
B11
TDO
JTAG TEST DATA OUTPUT
O
A14
A11
TMS
JTAG TEST MODE SELECT
I
C14
C11
Table 4-5. LCD Controller Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
lcd_ac_bias_en
LCD AC bias enable chip select
O
W7
R6
lcd_data0
LCD data bus
I/O
U1
R1
lcd_data1
LCD data bus
I/O
U2
R2
lcd_data10
LCD data bus
I/O
U5
U3
lcd_data11
LCD data bus
I/O
V5
U4
lcd_data12
LCD data bus
I/O
V6
V2
lcd_data13
LCD data bus
I/O
U6
V3
lcd_data14
LCD data bus
I/O
W6
V4
lcd_data15
LCD data bus
I/O
V7
T5
lcd_data16
LCD data bus
O
V17
U13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com