Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 93 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 89Page - Texas Instruments AM3351 Datasheet HTML 90Page - Texas Instruments AM3351 Datasheet HTML 91Page - Texas Instruments AM3351 Datasheet HTML 92Page - Texas Instruments AM3351 Datasheet HTML 93Page - Texas Instruments AM3351 Datasheet HTML 94Page - Texas Instruments AM3351 Datasheet HTML 95Page - Texas Instruments AM3351 Datasheet HTML 96Page - Texas Instruments AM3351 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 252 page
background image
93
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
5.9
External Capacitors
To improve module performance, decoupling capacitors are required to suppress the switching noise
generated by high frequency and to stabilize the supply voltage. A decoupling capacitor is most effective
when it is close to the device, because this minimizes the inductance of the circuit board wiring and
interconnects.
5.9.1
Voltage Decoupling Capacitors
Table 5-13 summarizes the Core voltage decoupling characteristics.
5.9.1.1
Core Voltage Decoupling Capacitors
To improve module performance, decoupling capacitors are required to suppress high-frequency switching
noise and to stabilize the supply voltage. A decoupling capacitor is most effective when located close to
the AM335x device, because this minimizes the inductance of the circuit board wiring and interconnects.
Table 5-13. Core Voltage Decoupling Characteristics
PARAMETER
TYP
UNIT
CVDD_CORE
(1)
10.08
μF
CVDD_MPU
(2)(3)
10.05
μF
(1) The typical value corresponds to one capacitor of 10 μF and eight capacitors of 10 nF.
(2) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE on the ZCE package.
(3) The typical value corresponds to one capacitor of 10 μF and five capacitors of 10 nF.
5.9.1.2
I/O and Analog Voltage Decoupling Capacitors
Table 5-14 summarizes the power-supply decoupling capacitor recommendations.
Table 5-14. Power-Supply Decoupling Capacitor Characteristics
PARAMETER
TYP
UNIT
CVDDA_ADC
10
nF
CVDDA1P8V_USB0
10
nF
CCVDDA3P3V_USB0
10
nF
CVDDA1P8V_USB1
(1)
10
nF
CVDDA3P3V_USB1
(1)
10
nF
CVDDS
(2)
10.04
μF
CVDDS_DDR
(3)
CVDDS_OSC
10
nF
CVDDS_PLL_DDR
10
nF
CVDDS_PLL_CORE_LCD
10
nF
CVDDS_SRAM_CORE_BG
(4)
10.01
μF
CVDDS_SRAM_MPU_BB
(5)
10.01
μF
CVDDS_PLL_MPU
10
nF
CVDDS_RTC
10
nF
CVDDSHV1
(6)
10.02
μF
CVDDSHV2
(1)(6)
10.02
μF
CVDDSHV3
(1)(6)
10.02
μF
CVDDSHV4
(6)
10.02
μF
CVDDSHV5
(6)
10.02
μF
CVDDSHV6
(7)
10.06
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com