Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 92 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 88Page - Texas Instruments AM3351 Datasheet HTML 89Page - Texas Instruments AM3351 Datasheet HTML 90Page - Texas Instruments AM3351 Datasheet HTML 91Page - Texas Instruments AM3351 Datasheet HTML 92Page - Texas Instruments AM3351 Datasheet HTML 93Page - Texas Instruments AM3351 Datasheet HTML 94Page - Texas Instruments AM3351 Datasheet HTML 95Page - Texas Instruments AM3351 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 252 page
background image
92
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
These values are based on a JEDEC-defined 2S2P system (with the exception of the theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(2)
°C/W = degrees Celsius per watt.
(3)
m/s = meters per second.
5.8
Thermal Resistance Characteristics for ZCE and ZCZ Packages
Failure to maintain a junction temperature within the range specified in Section 5.5 reduces operating
lifetime, reliability, and performance—and may cause irreversible damage to the system. Therefore, the
product design cycle should include thermal analysis to verify the maximum operating junction
temperature of the device. It is important this thermal analysis is performed using specific system use
cases and conditions. TI provides an application report to aid users in overcoming some of the existing
challenges of producing a good thermal design. For more information, see AM335x Thermal
Considerations.
Table 5-12 provides thermal characteristics for the packages used on this device.
NOTE
Table 5-12 provides simulation data and may not represent actual use-case values.
Table 5-12. Thermal Resistance Characteristics (PBGA Package) [ZCE and ZCZ]
ZCE (°C/W)(1)
(2)
ZCZ (°C/W)(1)
(2)
AIR FLOW
(m/s)(3)
RΘJC
Junction-to-case
10.3
10.2
N/A
RΘJB
Junction-to-board
11.6
12.1
N/A
RΘJA
Junction-to-free air
24.7
24.2
0
20.5
20.1
1.0
19.7
19.3
2.0
19.2
18.8
3.0
φJT
Junction-to-package top
0.4
0.3
0.0
0.6
0.6
1.0
0.7
0.7
2.0
0.9
0.8
3.0
φJB
Junction-to-board
11.9
12.7
0.0
11.7
12.3
1.0
11.7
12.3
2.0
11.6
12.2
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com