Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 83Page - Texas Instruments AM3351 Datasheet HTML 84Page - Texas Instruments AM3351 Datasheet HTML 85Page - Texas Instruments AM3351 Datasheet HTML 86Page - Texas Instruments AM3351 Datasheet HTML 87Page - Texas Instruments AM3351 Datasheet HTML 88Page - Texas Instruments AM3351 Datasheet HTML 89Page - Texas Instruments AM3351 Datasheet HTML 90Page - Texas Instruments AM3351 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 252 page
background image
87
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
Table 5-11 summarizes the power consumption of the AM335x low-power modes.
Table 5-11. AM335x Low-Power Modes Power Consumption Summary
POWER
MODES
APPLICATION STATE
POWER DOMAINS, CLOCKS, AND
VOLTAGE SUPPLY STATES
NOM
MAX
UNIT
Standby
DDR memory is in self-refresh and
contents are preserved. Wake up
from any GPIO. Cortex-A8
context/register contents are lost
and must be saved before entering
standby. On exit, context must be
restored from DDR. For wakeup,
boot ROM executes and branches
to system resume.
Power supplies:
•
All power supplies are ON.
•
VDD_MPU = 0.95 V (nom)
•
VDD_CORE = 0.95 V (nom)
Clocks:
•
Main Oscillator (OSC0) = ON
•
All DPLLs are in bypass.
Power domains:
•
PD_PER = ON
•
PD_MPU = OFF
•
PD_GFX = OFF
•
PD_WKUP = ON
DDR is in self-refresh.
16.5
22.0
mW
Deepsleep1
On-chip peripheral registers are
preserved. Cortex-A8
context/registers are lost, so the
application must save them to the
L3 OCMC RAM or DDR before
entering DeepSleep. DDR is in self-
refresh. For wakeup, boot ROM
executes and branches to system
resume.
Power supplies:
•
All power supplies are ON.
•
VDD_MPU = 0.95 V (nom)
•
VDD_CORE = 0.95 V (nom)
Clocks:
•
Main Oscillator (OSC0) = OFF
•
All DPLLs are in bypass.
Power domains:
•
PD_PER = ON
•
PD_MPU = OFF
•
PD_GFX = OFF
•
PD_WKUP = ON
DDR is in self-refresh.
6.0
10.0
mW
Deepsleep0
PD_PER peripheral and Cortex-
A8/MPU register information will be
lost. On-chip peripheral register
(context) information of PD-PER
domain must be saved by
application to SDRAM before
entering this mode. DDR is in self-
refresh. For wakeup, boot ROM
executes and branches to
peripheral context restore followed
by system resume.
Power supplies:
•
All power supplies are ON.
•
VDD_MPU = 0.95 V (nom)
•
VDD_CORE = 0.95 V (nom)
Clocks:
•
Main Oscillator (OSC0) = OFF
•
All DPLLs are in bypass.
Power domains:
•
PD_PER = OFF
•
PD_MPU = OFF
•
PD_GFX = OFF
•
PD_WKUP = ON
DDR is in self-refresh.
3.0
4.3
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com