Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 202 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 198Page - Texas Instruments AM3351 Datasheet HTML 199Page - Texas Instruments AM3351 Datasheet HTML 200Page - Texas Instruments AM3351 Datasheet HTML 201Page - Texas Instruments AM3351 Datasheet HTML 202Page - Texas Instruments AM3351 Datasheet HTML 203Page - Texas Instruments AM3351 Datasheet HTML 204Page - Texas Instruments AM3351 Datasheet HTML 205Page - Texas Instruments AM3351 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 252 page
background image
202
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.10.2 LCD Raster Mode
Table 7-76. Switching Characteristics for LCD Raster Mode
(see Figure 7-82 through Figure 7-85)
NO.
PARAMETER
OPP50
OPP100
UNIT
MIN
MAX
MIN
MAX
1
tc(LCD_PCLK)
Cycle time, pixel clock
15.8
7.9
ns
2
tw(LCD_PCLKH)
Pulse duration, pixel clock high
0.45tc
0.55tc
0.45tc
0.55tc
ns
3
tw(LCD_PCLKL)
Pulse duration, pixel clock low
0.45tc
0.55tc
0.45tc
0.55tc
ns
4
td(LCD_PCLK-LCD_DATAV)
Delay time, LCD_PCLK to LCD_DATA[23:0] valid
(write)
3.0
1.9
ns
5
td(LCD_PCLK-LCD_DATAI)
Delay time, LCD_PCLK to LCD_DATA[23:0] invalid
(write)
–3.0
–1.7
ns
6
td(LCD_PCLK-LCD_AC_BIAS_EN) Delay time, LCD_PCLK to LCD_AC_BIAS_EN
–3.0
3.0
–1.7
1.9
ns
7
tt(LCD_AC_BIAS_EN)
Transition time, LCD_AC_BIAS_EN
0.5
2.4
0.5
2.4
ns
8
td(LCD_PCLK-LCD_VSYNC)
Delay time, LCD_PCLK to LCD_VSYNC
–3.0
3.0
–1.7
1.9
ns
9
tt(LCD_VSYNC)
Transition time, LCD_VSYNC
0.5
2.4
0.5
2.4
ns
10
td(LCD_PCLK-LCD_HSYNC)
Delay time, LCD_PCLK to LCD_HSYNC
–3.0
3.0
–1.7
1.9
ns
11
tt(LCD_HSYNC)
Transition time, LCD_HSYNC
0.5
2.4
0.5
2.4
ns
12
tt(LCD_PCLK)
Transition time, LCD_PCLK
0.5
2.4
0.5
2.4
ns
13
tt(LCD_DATA)
Transition time, LCD_DATA
0.5
2.4
0.5
2.4
ns
Frame-to-frame timing is derived through the following parameters in the LCD (RASTER_TIMING_1)
register:
•
Vertical front porch (VFP)
•
Vertical sync pulse width (VSW)
•
Vertical back porch (VBP)
•
Lines per panel (LPP_B10 + LPP)
Line-to-line timing is derived through the following parameters in the LCD (RASTER_TIMING_0) register:
•
Horizontal front porch (HFP)
•
Horizontal sync pulse width (HSW)
•
Horizontal back porch (HBP)
•
Pixels per panel (PPLMSB + PPLLSB)
LCD_AC_BIAS_EN timing is derived through the following parameter in the LCD (RASTER_TIMING_2)
register:
•
AC bias frequency (ACB)
The display format produced in raster mode is shown in Figure 7-81. An entire frame is delivered one line
at a time. The first line delivered starts at data pixel (1, 1) and ends at data pixel (P, 1). The last line
delivered starts at data pixel (1, L) and ends at data pixel (P, L). The beginning of each new frame is
denoted by the activation of I/O signal LCD_VSYNC. The beginning of each new line is denoted by the
activation of I/O signal LCD_HSYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com