Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 107Page - Texas Instruments AM3351 Datasheet HTML 108Page - Texas Instruments AM3351 Datasheet HTML 109Page - Texas Instruments AM3351 Datasheet HTML 110Page - Texas Instruments AM3351 Datasheet HTML 111Page - Texas Instruments AM3351 Datasheet HTML 112Page - Texas Instruments AM3351 Datasheet HTML 113Page - Texas Instruments AM3351 Datasheet HTML 114Page - Texas Instruments AM3351 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 252 page
background image
VDDS_RTC
RTC_XTALOUT
t
sX
CAP_VDD_RTC (min.)
Time
VSS_RTC
VDDS_RTC (min.)
VSS_RTC
CAP_VDD_RTC
111
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Power and Clocking
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Initial accuracy, temperature drift, and aging effects should be combined when evaluating a reference clock for this requirement.
Table 6-5. OSC1 Crystal Circuit Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
ƒxtal
Crystal parallel resonance
frequency
Fundamental mode oscillation only
32.768
kHz
Crystal frequency stability
and tolerance(1)
Maximum RTC error = 10.512 minutes
per year
–20.0
20.0
ppm
Maximum RTC error = 26.28 minutes per
year
–50.0
50.0
ppm
CC1
C1 capacitance
12.0
24.0
pF
CC2
C2 capacitance
12.0
24.0
pF
Cshunt
Shunt capacitance
1.5
pF
ESR
Crystal effective series
resistance
ƒxtal = 32.768 kHz, oscillator has nominal
negative resistance of 725 kΩ and worst-
case negative resistance of 250 kΩ
80
kΩ
Table 6-6. OSC1 Crystal Circuit Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Cpkg
Shunt capacitance of
package
ZCE package
0.17
pF
ZCZ package
0.01
pF
Pxtal
The actual values of the ESR, ƒxtal, and CL should be used to yield a
typical crystal power dissipation value. Using the maximum values
specified for ESR, ƒxtal, and CL parameters yields a maximum power
dissipation value.
Pxtal = 0.5 ESR (2 π ƒxtal CL
VDDS_RTC)2
tsX
Start-up time
2
s
Figure 6-14. OSC1 Start-up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com