Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 121Page - Texas Instruments AM3351 Datasheet HTML 122Page - Texas Instruments AM3351 Datasheet HTML 123Page - Texas Instruments AM3351 Datasheet HTML 124Page - Texas Instruments AM3351 Datasheet HTML 125Page - Texas Instruments AM3351 Datasheet HTML 126Page - Texas Instruments AM3351 Datasheet HTML 127Page - Texas Instruments AM3351 Datasheet HTML 128Page - Texas Instruments AM3351 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 252 page
background image
RGMII[x]_TCLK
(A)
RGMII[x]_TD[3:0]
(B)
RGMII[x]_TCTL
(B)
1
1st Half-byte
TXERR
TXEN
2nd Half-byte
1
2
RGMII[x]_TCLK
4
4
2
3
1
125
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
Table 7-18. Switching Characteristics for RGMII[x]_TCLK - RGMII Mode
(see Figure 7-15)
NO.
PARAMETER
10 Mbps
100 Mbps
1000 Mbps
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(TXC)
Cycle time, TXC
360
440
36
44
7.2
8.8
ns
2
tw(TXCH)
Pulse duration, TXC
high
160
240
16
24
3.6
4.4
ns
3
tw(TXCL)
Pulse duration, TXC low
160
240
16
24
3.6
4.4
ns
4
tt(TXC)
Transition time, TXC
0.75
0.75
0.75
ns
Figure 7-15. RGMII[x]_TCLK Timing - RGMII Mode
Table 7-19. Switching Characteristics for RGMII[x]_TD[3:0], and RGMII[x]_TCTL - RGMII Mode
(see Figure 7-16)
NO.
PARAMETER
10 Mbps
100 Mbps
1000 Mbps
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
1
tsk(TD-TXC)
TD to TXC output skew
–0.5
0.5
–0.5
0.5
–0.5
0.5
ns
tsk(TX_CTL-TXC)
TX_CTL to TXC output skew
–0.5
0.5
–0.5
0.5
–0.5
0.5
2
tt(TD)
Transition time, TD
0.75
0.75
0.75
ns
tt(TX_CTL)
Transition time, TX_CTL
0.75
0.75
0.75
A.
The EMAC and switch implemented in the AM335x device supports internal delay mode, but timing closure was not
performed for this mode of operation. Therefore, the AM335x device does not support internal delay mode.
B.
Data and control information is transmitted using both edges of the clocks. RGMII[x]_TD[3:0] carries data bits 3-0 on
the rising edge of RGMII[x]_TCLK and data bits 7-4 on the falling edge of RGMII[x]_TCLK. Similarly, RGMII[x]_TCTL
carries TXEN on rising edge of RGMII[x]_TCLK and TXERR of falling edge of RGMII[x]_TCLK.
Figure 7-16. RGMII[x]_TD[3:0], RGMII[x]_TCTL Timing - RGMII Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com