Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 131Page - Texas Instruments AM3351 Datasheet HTML 132Page - Texas Instruments AM3351 Datasheet HTML 133Page - Texas Instruments AM3351 Datasheet HTML 134Page - Texas Instruments AM3351 Datasheet HTML 135Page - Texas Instruments AM3351 Datasheet HTML 136Page - Texas Instruments AM3351 Datasheet HTML 137Page - Texas Instruments AM3351 Datasheet HTML 138Page - Texas Instruments AM3351 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 252 page
background image
135
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.7.1.2
GPMC and NOR Flash—Asynchronous Mode
Table 7-24 and Table 7-25 assume testing over the recommended operating conditions and electrical
characteristic conditions shown in Table 7-23 (see Figure 7-22 through Figure 7-27).
Table 7-23. GPMC and NOR Flash Timing Conditions—Asynchronous Mode
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1
5
ns
tF
Input signal fall time
1
5
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
Table 7-24. GPMC and NOR Flash Internal Timing Requirements—Asynchronous Mode(1)(2)
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FI1
Delay time, output data gpmc_ad[15:0] generation from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
FI2
Delay time, input data gpmc_ad[15:0] capture from internal functional clock
GPMC_FCLK(3)
4
4
ns
FI3
Delay time, output chip select gpmc_csn[x] generation from internal functional
clock GPMC_FCLK(3)
6.5
6.5
ns
FI4
Delay time, output address gpmc_a[27:1] generation from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
FI5
Delay time, output address gpmc_a[27:1] valid from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
FI6
Delay time, output lower-byte enable and command latch enable gpmc_be0n_cle,
output upper-byte enable gpmc_be1n generation from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
FI7
Delay time, output enable gpmc_oen generation from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
FI8
Delay time, output write enable gpmc_wen generation from internal functional
clock GPMC_FCLK(3)
6.5
6.5
ns
FI9
Skew, internal functional clock GPMC_FCLK(3)
100
100
ps
(1) The internal parameters table must be used to calculate data access time stored in the corresponding CS register bit field.
(2) Internal parameters are referred to the GPMC functional internal clock which is not provided externally.
(3) GPMC_FCLK is general-purpose memory controller internal functional clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com