Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 140Page - Texas Instruments AM3351 Datasheet HTML 141Page - Texas Instruments AM3351 Datasheet HTML 142Page - Texas Instruments AM3351 Datasheet HTML 143Page - Texas Instruments AM3351 Datasheet HTML 144Page - Texas Instruments AM3351 Datasheet HTML 145Page - Texas Instruments AM3351 Datasheet HTML 146Page - Texas Instruments AM3351 Datasheet HTML 147Page - Texas Instruments AM3351 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 252 page
background image
144
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2016, Texas Instruments Incorporated
7.7.1.3
GPMC and NAND Flash—Asynchronous Mode
Table 7-28 and Table 7-29 assume testing over the recommended operating conditions and electrical
characteristic conditions shown in Table 7-27 (see Figure 7-28 through Figure 7-31).
Table 7-27. GPMC and NAND Flash Timing Conditions—Asynchronous Mode
PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1
5
ns
tF
Input signal fall time
1
5
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
Table 7-28. GPMC and NAND Flash Internal Timing Requirements—Asynchronous Mode(1)(2)
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
GNFI1
Delay time, output data gpmc_ad[15:0] generation from internal
functional clock GPMC_FCLK(3)
6.5
6.5
ns
GNFI2
Delay time, input data gpmc_ad[15:0] capture from internal functional
clock GPMC_FCLK(3)
4.0
4.0
ns
GNFI3
Delay time, output chip select gpmc_csn[x] generation from internal
functional clock GPMC_FCLK(3)
6.5
6.5
ns
GNFI4
Delay time, output address valid and address latch enable
gpmc_advn_ale generation from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
GNFI5
Delay time, output lower-byte enable and command latch enable
gpmc_be0n_cle generation from internal functional clock
GPMC_FCLK(3)
6.5
6.5
ns
GNFI6
Delay time, output enable gpmc_oen generation from internal functional
clock GPMC_FCLK(3)
6.5
6.5
ns
GNFI7
Delay time, output write enable gpmc_wen generation from internal
functional clock GPMC_FCLK(3)
6.5
6.5
ns
GNFI8
Skew, functional clock GPMC_FCLK(3)
100
100
ps
(1) Internal parameters table must be used to calculate data access time stored in the corresponding CS register bit field.
(2) Internal parameters are referred to the GPMC functional internal clock which is not provided externally.
(3) GPMC_FCLK is general-purpose memory controller internal functional clock.
Table 7-29. GPMC and NAND Flash Timing Requirements—Asynchronous Mode
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
GNF12(1)
tacc(d)
Access time, input data gpmc_ad[15:0]
J(2)
J(2)
ns
(1) The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2) J = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(3)
(3) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com