Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 25Page - Monolithic Power Systems MP2636 Datasheet HTML 26Page - Monolithic Power Systems MP2636 Datasheet HTML 27Page - Monolithic Power Systems MP2636 Datasheet HTML 28Page - Monolithic Power Systems MP2636 Datasheet HTML 29Page - Monolithic Power Systems MP2636 Datasheet HTML 30Page - Monolithic Power Systems MP2636 Datasheet HTML 31Page - Monolithic Power Systems MP2636 Datasheet HTML 32Page - Monolithic Power Systems MP2636 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
29
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
INTRODUCTION
The MP2636 is a highly-integrated, flexible,
synchronous switch-mode battery charger with
system power path management, designed for
single-cell Li-ion or Li-polymer batteries used in a
wide range of applications. Depending on the
status of the Input supply, the MP2636 can
operate in three modes: charge mode, boost
mode and sleep mode.
In charge mode, the MP2636 can work with
single cell Li-ion or Li-polymer battery. In boost
mode, MP2636 boosts the battery voltage to
VSYS_SET to power higher voltage system rails. In
sleep mode both charging and boost operations
are disabled and the device enters a sleep mode
to help reduce the overall power consumption.
The MP2636 monitors VIN to allow smooth
transition between different modes of operation.
CHARGER MODE OPERATION
Charge Cycle
In charge mode, the MP2636 has five control
loops to regulate input voltage, input current,
charge
current,
charge
voltage
and
device
junction temperature. The MP2636 charges the
battery in three phases, trickle current (TC),
constant current (CC), and constant voltage (CV).
While charge operation is enabled, all five loops
are active but only one determines the IC
behavior. A typical battery charge profile is
depicted in Figure 11(a). The charger stays in TC
charge mode until the battery voltage reaches a
TC-to-CC
threshold.
Otherwise
the
charger
enters CC charge mode. When the battery
voltage rises to the CV-mode threshold, the
charger operates in constant voltage mode.
Figure 12(b) shows a typical charge profile when
the input-current-limit loop dominates during the
CC charge mode, and in this case the charger
maximizes the charging current due to the
switching-mode charging solution, resulting in
faster charging than a traditional linear solution.
Figure 11: Typical Battery Charge Profile
Auto-recharge
Once the battery charge cycle completes, the
charger remains off. During this time, the external
load may consume battery power, or the battery
may self discharge. To ensure the battery will not
go
into
depletion,
a
new
charge
cycle
automatically begins when the battery voltage
falls below the auto-recharge threshold when the
input power is present. The timer is reset when
the auto-recharge cycle begins.
During the off state after the battery is fully
charged, if the input power re-starts or the EN
signal refreshes, the charge cycle will start and
the timer will re-set no matter what the battery
voltage is.
Battery Over-Voltage Protection
The MP2636 has battery over-voltage protection.
If the battery voltage exceeds the battery over-
voltage threshold, (102.5% of the battery full
voltage),
charging
is
disabled.
Under
this
condition, an internal 5k
Ω dummy load draws a
current from the BATT pin to decrease the
battery voltage and protect the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com