Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2636 Datasheet HTML 1Page - Monolithic Power Systems MP2636 Datasheet HTML 2Page - Monolithic Power Systems MP2636 Datasheet HTML 3Page - Monolithic Power Systems MP2636 Datasheet HTML 4Page - Monolithic Power Systems MP2636 Datasheet HTML 5Page - Monolithic Power Systems MP2636 Datasheet HTML 6Page - Monolithic Power Systems MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MP2636
3.0A Single Cell Switch Mode Battery Charger
with Power Path Management (PPM)
and 3.0A System Boost Current
MP2636 Rev.1.01
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2636 is a highly-integrated, flexible
switch-mode battery charger with system power
path management, designed for single-cell Li-
ion or Li-Polymer batteries used in a wide range
of portable applications.
The MP2636 can operate in both charge mode
and
boost
mode
to
allow
full
system
management and battery power management.
When input power is present, the device
operates in charge mode. It automatically
detects the battery voltage and charges the
battery in three phases: trickle current, constant
current and constant voltage. Other features
include charge termination and auto-recharge.
This device also integrates both input current
limit and input voltage regulation in order to
manage input power and meet the priority of the
system power demand.
In the absence of an input source, the MP2636
switches to boost mode through the MODE pin
to power the SYS pins from the battery. The
OLIM pin programs the output current limit in
boost mode. The MP2636 also allows an output
short circuit protection to completely disconnect
the battery from the load in the event of a short
circuit fault. Normal operation will recover as
soon as the short circuit fault is removed. The
MP2636 provides full operating status indication
to distinguish charge mode from boost mode. In
addition, the MP2636 can report the real battery
current in both charge and boost mode via IB
pin.
The
MP2636
achieves
good
EMI/EMC
performance
with
well
controlled
switching
edges.
To guarantee safe operation, the MP2636 limits
the die temperature to a preset value of 120oC.
Other safety features include input over-voltage
protection,
battery
over-voltage
protection,
thermal
shutdown,
battery
temperature
monitoring, and
a programmable timer to
prevent prolonged charging of a dead battery.
FEATURES
Up to 16V Sustainable Input Voltage
4.5V-to-6V Operation Voltage Range
Power Management Function, Integrated
Input-Current Limit, Input Voltage
Regulation
Up to 3.0A Programmable Charge Current
Trickle-Charge Function
Analog Voltage Output IB pin for Battery
Current Monitor
Selectable 4.2V / 4.3V / 4.35V Charge
Voltage with 0.5% Accuracy
Negative Temperature Coefficient Pin for
Temperature Monitoring
Programmable Timer Back-up Protection
Thermal Regulation and Thermal
Shutdown
Internal Battery Reverse Leakage Blocking
Integrated Over Current Protection and
Over Voltage Protection for Pass-through
Path
Reverse Boost Operation Mode for System
Power
Up to 3.0A Programmable Output Current
Limit for Boost Mode
Integrated Short Circuit Protection and
Output Over Voltage Protection for Boost
Mode
APPLICATIONS
Sub-Battery Applications
Power-bank Applications for Smart-Phone,
Tablet and Other Portable Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2636

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2631 MPS-MP2631 Datasheet
540Kb / 9P
28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
MP2631DQ MPS-MP2631DQ Datasheet
540Kb / 9P
28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2632B MPS-MP2632B Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
MP2632BGR MPS-MP2632BGR Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
More results

Similar Description - MP2636

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Monolithic Power System...
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Monolithic Power System...
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2637 MPS-MP2637 Datasheet
1Mb / 36P
2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
logo
MPS Industries, Inc.
MP2696B MPSIND-MP2696B Datasheet
1Mb / 34P
I2C-Controlled, Single-Cell Switching Charger with Power-Path Management,Boost Output, and 3.5A Input Current Limit
Rev. 1.0 4/16/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com