Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 2Page - Monolithic Power Systems MP2636 Datasheet HTML 3Page - Monolithic Power Systems MP2636 Datasheet HTML 4Page - Monolithic Power Systems MP2636 Datasheet HTML 5Page - Monolithic Power Systems MP2636 Datasheet HTML 6Page - Monolithic Power Systems MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems MP2636 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
6
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA= +25ºC, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
IN to SYS NMOS On Resistance
RIN to SYS
30
m
Ω
High-side PMOS On Resistance
RH_DS
25
m
Ω
Low-side NMOS On Resistance
RL_DS
25
m
Ω
Peak Current Limit for High-side
PMOS
IPEAK_HS
Charger CC Mode/ Boost
Mode
8
A
Charger TC Mode
4
Peak Current Limit for Low-side
NMOS
IPEAK_LS
Boost Mode
5.5
A
Operating Frequency
FSW
FREQ=LOW
600
kHz
VCC UVLO
VCC_UVLO
2
2.2
2.4
V
VCC UVLO Hysteresis
85
mV
PWIN Threshold
VPWIN_L
0.75
0.8
0.85
V
PWIN Threshold Hysteresis
45
mV
Charge Mode
Input Quiescent Current
IIN
EN=4V, BATT Float
2.5
mA
EN=0V,
1.5
mA
Trickle Charge Current
ITC
RS1 = 20m
Ω, RISET< 60k,
as percentage of ICC
10
%
Minimum Trickle Charge Current
ITC_MIN
RS1 = 20m
Ω, RISET>= 60k
200
mA
Trickle Charge Voltage Threshold
VBATT_TC
Connect VB to GND
2.91
3.01
3.112
V
Leave VB floating
2.94
3.043
3.145
Connect VB to High Logic
2.84
2.94
3.04
Trickle Charge Hysteresis
VBATT falling
240
mV
Constant Charge (CC) Current
ICC
RS1 = 20m
Ω, RISET= 60.4k
1725
1987
2250
mA
RS1 = 20m
Ω,
RISET = 47.5k
2225
2525
2825
Termination Charge Current
IBF
ICHG falling
150
mA
Terminal Battery Voltage
VBATT_FULL
Connect VB to GND
4.278
4.3
4.321
V
Leave VB floating
4.328
4.35
4.371
Connect to VCC
4.179
4.2
4.221
Recharge Threshold
VRECH
Connect VB to GND
4.023
4.085
4.147
V
Leave VB floating
4.07
4.132
4.195
Connect to VCC
3.93
3.99
4.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com