Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2636 Datasheet HTML 1Page - Monolithic Power Systems MP2636 Datasheet HTML 2Page - Monolithic Power Systems MP2636 Datasheet HTML 3Page - Monolithic Power Systems MP2636 Datasheet HTML 4Page - Monolithic Power Systems MP2636 Datasheet HTML 5Page - Monolithic Power Systems MP2636 Datasheet HTML 6Page - Monolithic Power Systems MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
5
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN to PGND ................................-0.3V to +20V
SYS to PGND ..............................-0.3V to +6.5V
SW to PGND....................... -0.3V (-2V for 20ns)
.................................. To + 6.5V (8.8V for 20ns)
BATT to PGND ...............................-0.3V to +5V
ACOK
-----------------
, CHG
-------------
, BOOST
---------------------
to AGND
…... ..............................................-0.3V to +6.5V
All Other Pins to AGND................-0.3V to +6.5V
Continuous Power Dissipation
(TA=+25C)
(2)
........................................................... 2.97W
Junction Temperature ...............................150ºC
Lead Temperature ....................................260ºC
Storage Temperature...............
–65
C to +150ºC
Recommended Operating Conditions
(3)
Supply Voltage VIN............................ 4.5V to 6V
Battery Voltage BATT .................. 2.5V to 4.35V
Operating Junction Temp (TJ).. -40C to +125C
Thermal Resistance
(4)
θJA
θJC
QFN-30 (4mmx4mm).............. 42 ........9....
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com