Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 6Page - Monolithic Power Systems MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems MP2636 Datasheet HTML 10Page - Monolithic Power Systems MP2636 Datasheet HTML 11Page - Monolithic Power Systems MP2636 Datasheet HTML 12Page - Monolithic Power Systems MP2636 Datasheet HTML 13Page - Monolithic Power Systems MP2636 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
10
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IB
Charge Current Represent. The voltage at this pin indicates the charge current to the battery
in charge mode and discharge current out of the battery in boost mode.
2, 21
SW
Switch Output Node. It is recommended not to place Via
’s on the SW plane during PCB
layout.
3, 20,
29
SYS
System Output. A minimum of 22
μF ceramic cap is required to be put as close as
possible to the SYS and PGND pins. Total capacitance should NOT be lower than
44
μF.
4, 19,
30
VIN
Adapter Input. Place a bypass capacitor close to this pin to prevent large voltage spikes.
5
VCC
Internal Circuit Power Supply. Bypass this pin to GND with a 100nF ceramic capacitor. This
Pin CANNOT carry any external load.
6
ILIM
Input Current Set. Connect to GND with an external resistor to program input current limit in
charge mode.
7
PWIN
Input pin to detect the presence of valid input power. Pulling this pin to GND will turn off the
IN-to-SYS pass through MOSFET.
8
TMR
Oscillator Period Timer. Connect a timing capacitor between this pin and GND to set the
oscillator period for charge timer. Short to GND to disable the Timer function.
9
REG
Input voltage feedback for the input voltage regulation loop. Connect to tap of an external
resistor divider from VIN to GND to program the input voltage regulation. Once the voltage at
REG pin drops to the inner threshold, the charge current is reduced to maintain the input
voltage at the regulation value.
10
ACOK
----------------
Valid Input Supply Indicator. Logic LOW at this pin indicates the presence of a valid power
supply.
11
FB
System Voltage Feedback Input.
12
NTC
Negative Temperature Coefficient (NTC) Thermistor
13
ISET
Charge Current Set. Connect an external resistor to GND to program the charge current.
14
OLIM
Programmable Output-Current Limit for Boost mode. Connect an external resistor to GND to
program the system current in Boost mode.
15
AGND
Analog Ground
16
VB
Programmable Battery-Full Voltage. Connect to GND for 4.3V, leave floating to 4.35V, and
connect to logic HIGH for 4.2V.
17
BATT
Positive Battery Terminal / Battery Charge Current Sense Negative Input.
18
CSP
Battery Charge Current Sense Positive Input.
22
BOOST
---------------------
Boost operation indicator. Logic LOW indicates boost operation. The pin becomes an open
drain when the part operates at charge mode or sleep mode.
23
CHG
------------
Charging Completion Indicator. Logic LOW indicates charge mode. The pin becomes an
open drain once the charging has completed or is suspended.
24
MODE
Mode Select. Logic HIGH→boost mode. Logic LOW→sleep mode. Active only when ACOK
__________
is high (Input power is not available).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com