Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 3Page - Monolithic Power Systems MP2636 Datasheet HTML 4Page - Monolithic Power Systems MP2636 Datasheet HTML 5Page - Monolithic Power Systems MP2636 Datasheet HTML 6Page - Monolithic Power Systems MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems MP2636 Datasheet HTML 10Page - Monolithic Power Systems MP2636 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
7
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA= +25ºC, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Recharge Threshold Hysteresis
Connect VB to GND
200
mV
Leave VB floating
200
Connect to VCC
200
Battery Over Voltage Threshold
As percentage of
VBATT_FULL
102.5
%
Input Voltage and Input Current Based Power Path
Input
Voltage
Regulation
Reference
VREG
1.18
1.2
1.22
V
Input Current Limit
IIN_LMT
RlLIM = 86.6k
380
450
500
mA
RlLIM = 51k
720
810
900
RlLIM = 13k
2940
3270
3600
Input Over Current Threshold
IIN_OCP
RlLIM = 86.6k
593
mA
RlLIM = 51k
1000
mA
RlLIM = 13k(5)
4.09
A
Input Over Current Shutdown
Blanking Time(5)
TINOCBLK
120
µs
Input Over Current Shutdown
Recover Time(5)
TINRECVR
100
ms
Boost Mode
SYS Voltage Range
4.2
6
V
Feedback Voltage
1.18
1.2
1.22
V
Feedback Input Current
VFB=1V
200
nA
SYS
Over
Voltage
Protection
Threshold for Boost
VSYS(OVP)
Threshold over VSYS to
turn
off
the
converter
during boost mode
5.8
6
6.2
V
SYS
Over
Voltage
Protection
Threshold Hysteresis
VSYS falling from VSYS(OVP)
125
mV
Boost Quiescent Current
ISYS= 0, VSYS = 5V,
VFB = 2.0V, MODE = high,
BATT = 4.2V
430
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com