Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 28Page - Monolithic Power Systems MP2636 Datasheet HTML 29Page - Monolithic Power Systems MP2636 Datasheet HTML 30Page - Monolithic Power Systems MP2636 Datasheet HTML 31Page - Monolithic Power Systems MP2636 Datasheet HTML 32Page - Monolithic Power Systems MP2636 Datasheet HTML 33Page - Monolithic Power Systems MP2636 Datasheet HTML 34Page - Monolithic Power Systems MP2636 Datasheet HTML 35Page - Monolithic Power Systems MP2636 Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
32
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 13, the MP2636 continuously compares
the high-side FET sense current with comp level,
if the sense current doesn
’t reach the comp level
within the original switching period, the next clock
will be delayed until the sense current reaches
the comp level. As a result the duty cycle is able
to be extended as large as possible.
Fully Operation Indication
The
MP2636
integrates
indicators
for
the
following conditions as shown in Table2.
The blinking frequency is,
Blinking
TMR
1( A)
F
0.8 C
( F)

(9)
Table 2 Indication in Each Operation Mode
Operation
ACOK
----------------
CHG
------------
BOOST
-------------------
Charge
Mode
In Charging
Low
Low
High
End of Charge,
Charging
disabled,
Battery OVP
High
NTC Fault,
Timer Out
Blinking
Boost Mode
High
High
Low
Sleep Mode
High
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com