Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 4Page - Monolithic Power Systems MP2636 Datasheet HTML 5Page - Monolithic Power Systems MP2636 Datasheet HTML 6Page - Monolithic Power Systems MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems MP2636 Datasheet HTML 10Page - Monolithic Power Systems MP2636 Datasheet HTML 11Page - Monolithic Power Systems MP2636 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
8
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA= +25ºC, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Programmable
Boost
Output
Current Limit Accuracy
IOLIM
VSYS = 5V, RS1 = 20m,
ROLIM = 120k
774
910
1046
mA
VSYS=5V, RS1 =20m,
ROLIM = 47.5k
2088
2320
2552
SYS
Over
Current
Blanking
Time(5)
TSYSOCBLK
120
µs
SYS
Over
Current
Recover
Time(5)
TSYSRECVR
1.5
ms
Weak Battery Threshold
VBATT(LOW)
During boosting
2.5
V
Before Boost starts
2.9
3.05
Sleep Mode
Battery Leakage Current
IBATT
VBATT=4.2V, SYS Float,
VIN=GND, MODE=0V
40
μA
Indication& Logic
ACOK
----------------
, CHG
-------------
, BOOST
---------------------
pin output
low voltage
Sinking 1.5mA
450
mV
ACOK
----------------
,
CHG
-------------
,
BOOST
---------------------
pin
leakage current
Connected to 5V
1
uA
NTC and Time-out Fault Blinking
Frequency(5)
CTMR
= 0.1μF, ICHG = 1A
13.7
Hz
EN,
MODE
Input
Logic
Low
Voltage
0.4
V
EN, MODE Input High Voltage
1.4
V
FREQ Input Logic Low Voltage
0.8
V
FREQ Input Logic High Voltage
1.8
V
VB Input Logic Low Voltage
0.8
V
VB Input Logic High Voltage
1.8
V
IB Voltage Output
ICHG=1A in charge mode
0.36
V
IDIS=1A in boost mode
0.40
V
Protection
Trickle Charge Time
CTMR=0.1µF, Stay in TC
Mode, ICHG= 2A
17
Mins
Total Charge Time
CTMR=0.1µF, ICHG= 2.5A
140
Mins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com