Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 30Page - Monolithic Power Systems MP2636 Datasheet HTML 31Page - Monolithic Power Systems MP2636 Datasheet HTML 32Page - Monolithic Power Systems MP2636 Datasheet HTML 33Page - Monolithic Power Systems MP2636 Datasheet HTML 34Page - Monolithic Power Systems MP2636 Datasheet HTML 35Page - Monolithic Power Systems MP2636 Datasheet HTML 36Page - Monolithic Power Systems MP2636 Datasheet HTML 37Page - Monolithic Power Systems MP2636 Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
34
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
BOOST MODE OPERATION
Low Voltage Start-Up
The minimum battery voltage required to start up
the circuit in boost mode is 2.9V. Initially, when
VSYS < VBATT, the MP2636 works in down mode.
In this mode, the synchronous P-MOSFET stops
switching and its gate connects to VBATT statically.
The P_MOSFET keeps off as long as the voltage
across the parasitic CDS (VSW) is lower than VBATT.
When the voltage across CDS exceeds VBATT, the
synchronous P-MOSFET enters linear mode
allowing the inductor current to decrease and
flowing into the SYS pin. Once VSYS exceeds
VBATT, the P-MOSFET gate is released and
normal close-loop PWM operation is initiated. In
boost mode, the battery voltage can drop to as
low as 2.5V without affecting circuit operation.
SYS Disconnect and Inrush Limiting
The MP2636 allows for true output disconnection
by eliminating body diode conduction of the
internal P-MOSFET rectifier. VSYS can go to 0V
during shutdown, drawing no current from the
input source. It also allows for inrush current
limiting at start-up, minimizing surge currents
from the input supply. To optimize the benefit of
output disconnect, avoid connecting an external
Schottky diode between the SW and SYS pins.
Board layout is extremely critical to minimize
voltage overshoot at the SW pin due to stray
inductance. Keep the output filter capacitor as
close as possible to the SYS pin and use very
low ESR/ESL ceramic capacitors tied to a good
ground plane.
Boost Output Voltage Setting
In boost mode, the MP2636 programs the output
voltage via the external resistor divider at FB pin,
and
provides
built-in
output
over-voltage
protection (OVP) to protect the device and other
components against damage when VSYS goes
beyond 6V. Once the output over voltage occurs,
the MP2636 turns off the boost converter. When
the voltage at SYS pin drops to a normal level,
the boost converter restarts as long as the
MODE pin remains in active status.
Boost Output Current Limiting
The MP2636 integrates a programmable output
current limit function in boost mode. When the
boost output current exceeds the programmable
limit, the MP2636 will regulate the output current
at this limit and the SYS voltage will start to drop
down. The OLIM pin programs the current limit
threshold up to 3.0A as the following equation:
OLIM
OLIM
2400 0.92
I
(A)
R
(k ) RS1(m )
 
(10)
SYS Output Over-Current Protection
The MP2636 integrates three-phase output over-
current protection.
Phase one (boost mode output current limit):
when
the
output
current
exceeds
the
programmed output current limit, the output
constant current loop controls the output current,
the output current remains at its limit of IOLIM, and
VSYS decreases.
Phase two (down mode): when VSYS drops below
VBATT+100mV
and
the
output
current
loop
remains in control, the boost converter enters
down mode and shutdown after a 120μs blanking
time. Then the boost converter will try to restart
after 1ms. At this time, the peak current limit will
be cut by half.
Phase three (short circuit mode): when VSYS
drops below 3.8V (will be 2.1V during boost soft
start),
the
boost
converter
shuts
down
immediately once the inductor current hits the
fold-back peak current limit of the low side N-
MOSFET. The boost converter can also recover
automatically after a 1ms period. At this time, the
peak current limit will be cut by half.
Thermal Shutdown Protection
The thermal shutdown protection is also active in
boost mode. Once the junction temperature rises
higher than 150°C, the MP2636 enters thermal
shutdown. It will not resume normal operation
until the junction temperature drops below 120ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com