Electronic Components Datasheet Search
  English  ▼

X  

MP2636 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2636
Description  3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2636 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2636 Datasheet HTML 7Page - Monolithic Power Systems MP2636 Datasheet HTML 8Page - Monolithic Power Systems MP2636 Datasheet HTML 9Page - Monolithic Power Systems MP2636 Datasheet HTML 10Page - Monolithic Power Systems MP2636 Datasheet HTML 11Page - Monolithic Power Systems MP2636 Datasheet HTML 12Page - Monolithic Power Systems MP2636 Datasheet HTML 13Page - Monolithic Power Systems MP2636 Datasheet HTML 14Page - Monolithic Power Systems MP2636 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
MP2636 –3.0A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 3.0A BOOST
MP2636 Rev.1.01
www.MonolithicPower.com
11
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
25
EN
Charging Control Input. Logic HIGH enables charging. Logic LOW disables charging. Active
only when ACOK
__________
is low (Input power is Ok)
26
FREQ
Connect to GND to figure the operating frequency to 600kHz.
27, 28
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com