Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 3 Page - Texas Instruments

  OPA521 Datasheet HTML 1Page - Texas Instruments OPA521 Datasheet HTML 2Page - Texas Instruments OPA521 Datasheet HTML 3Page - Texas Instruments OPA521 Datasheet HTML 4Page - Texas Instruments OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
V+
15
IQSET
2
NC
14
TFLAG
3
NC
13
IFLAG
4
NC
12
ILIM
5
NC
11
EN
Not to scale
Thermal
Pad
3
OPA521
www.ti.com
SBOS872 – MAY 2018
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGW Package
20-Pin VQFN With Exposed Thermal Pad
Top View
NC - no internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
11
I
Enables the amplifier (active high, high enables the OPA521)
GAIN_SET
8
I
Connect an external resistor to Gain_Set and -IN to increase the gain above -7 V/V
GND
16, 17
—
Ground
IFLAG
13
O
Current limit warning flag (open-drain, active high, high signifies current limit condition)
ILIM
12
I
Resistor programmable current limit
+IN
9
I
Non-inverting input (connect to a voltage equal to (V+)/2)
–IN
7
I
Inverting input for closed loop gain = –7 V/V
IQSET
15
I
Quiescent current select (active high, high configures the OPA521 to operate in FCC/ARIB
bands, low configures the OPA521 to operate in CENELEC Bands A, B, C, D)
NC
2, 3, 4, 5, 6,
10
—
No internal connection
TFLAG
14
O
Thermal limit warning flag (open-drain, active high, high signifies thermal limit condition)
V+
1, 20
—
Positive power supply
VOUT
18. 19
O
Output
Thermal pad
—
Must be soldered to PCB and connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com