Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 5 Page - Texas Instruments

  OPA521 Datasheet HTML 1Page - Texas Instruments OPA521 Datasheet HTML 2Page - Texas Instruments OPA521 Datasheet HTML 3Page - Texas Instruments OPA521 Datasheet HTML 4Page - Texas Instruments OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
OPA521
www.ti.com
SBOS872 – MAY 2018
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TCASE = 25°C, V+ = 15 V, IN+ = (V+) / 2, RLOAD 50 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Integrated output noise
CEN-A, 35 kHz to 95 kHz
370
µVRMS
CEN-B, 95 kHz to 125 kHz
220
µVRMS
CEN-C, 125 kHz to 140 kHz
160
µVRMS
CEN-D, 140 kHz to 148 kHz
98
µVRMS
ARIB STD-T84, 35 kHz to 420 kHz
640
µVRMS
FCC-LOW, 35 kHz to 125 kHz
384
µVRMS
G3-FCC, 150 kHz to 490 kHz
565
µVRMS
INPUT
Input voltage range
For linear operation
(GND + 0
/ 4)
((V+) –
0.4 / 7)
V
Input impedance
18
kΩ
FREQUENCY RESPONSE
BW
Bandwidth
ILOAD = 0 mA
3.4
3.82
4.23
MHz
SR
Slew rate
V+ = 24 V, VOUT = 20-V step, ILOAD = 0 mA
75
V/µs
Full-power bandwidth
V+ = 24 V, VOUT = 20 VPP
1
MHz
PSRR
Power-supply rejection ratio
RTI, DC to f = 50 kHz
80
94
dB
OUTPUT
VO
Voltage output swing
From V+, IO = 200-mA sourcing, 1-ms pulse
0.5
V
From V+, IO = 1.5-A sourcing, 1-ms pulse
2.25
V
From GND
From GND, IO = 200 mA sinking, 1-ms pulse
0.5
V
From GND, IO = 1.5-A sinking, 1-ms pulse
1.5
V
Maximum continuous current, DC
Pin 8 connected to ground
1.9
A
Output resistance
IO = 1.9 A, f = 500 kHz
0.1
Ω
Disabled output impedance
f = 100 kHz
130 || 105
kΩ || pF
Output current limit
Resistor selectable, RSET connected from pin 6 to
ground
2.5
A
GAIN
G
Nominal gain
VOUT/VIN
–7
V/V
GE
Gain error
TJ = –40°C to +125°C
–2%
0.1%
2%
Gain error drift
TJ = –40°C to +125°C
±5
ppm/°C
THERMAL SHUTDOWN
Junction temperature at shutdown
165
°C
Hysteresis
15
°C
Return to normal operation
150
°C
6.5
Electrical Characteristics: Digital
at TCASE = +25°C, V+ = 15 V, IN+ = (V+) / 2, RLOAD 50 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (ENABLE, IQSET)
Leakage input current
(V-)
≤ VIN ≤ 5.5
–1
0.01
1
µA
VIH
High-level input voltage
(V–) + 2
(V–) + 2
5.5
V
VIL
Low-level input voltage
V-
(V–) + 0.8
V
EN pin function (active high)
EN pin high, EN > (V–) + 2
Device in normal operation
EN pin low, EN < (V–) + 0.8
Device in shutdown
IQSET pin function (active high)
IQSET pin high, IQSET > (V–) + 2
Device in FCC or ARIB mode (Iq = 78 mA
[typical])
IQSET pin low, IQSET < (V–) + 0.8
Device in CENELEC mode (Iq = 48 mA [typical])
DIGITAL OUTPUTS (TFLAG, IFLAG)
IOH
High-level output current
VOH = 3.3 V
1
µA
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
IOL
Low-level output current
VOL = 400 mV
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com