Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 2Page - Texas Instruments OPA521 Datasheet HTML 3Page - Texas Instruments OPA521 Datasheet HTML 4Page - Texas Instruments OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
OPA521
SBOS872 – MAY 2018
www.ti.com
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics: Digital (continued)
at TCASE = +25°C, V+ = 15 V, IN+ = (V+) / 2, RLOAD 50 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TFLAG (active high, open-drain)
TFLAG pin high, TFLAG sink high < 1 µA
Device is in thermal shutdown
TFLAG pin low, TFLAG < 0.4 V
Device is not in thermal shutdown
IFLAG (active high, open-drain)
IFLAG pin high, IFLAG sink high < 1 µA
Device is in current limit
IFLAG pin low, IFLAG < 0.4 V
Device is not in current limit
SHUTDOWN MODE TIMING
Enable time
SD pin transitions from low to high
3
ms
Disable time
SD pin transitions from high to low
2
ms
6.6
Electrical Characteristics: Power Supply
at TCASE = 25°C, V+ = 15 V, IN+ = (V+) / 2, RLOAD 50 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATING SUPPLY RANGE
V+
Power amplifier
7
15
24
V
QUIESCENT CURRENT (ENABLE PIN HIGH)
IQ
FCC or ARIB mode
IO = 0 A, IQSET pin high
68
78
88
mA
CENELEC mode
IO = 0 A, IQSET pin low
38
48
58
mA
SHUTDOWN (ENABLE PIN LOW)
EN
Power amplifier
EN pin low
40
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com