Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 1 Page - Texas Instruments

  OPA521 Datasheet HTML 1Page - Texas Instruments OPA521 Datasheet HTML 2Page - Texas Instruments OPA521 Datasheet HTML 3Page - Texas Instruments OPA521 Datasheet HTML 4Page - Texas Instruments OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
18 k
126 k
-IN
+IN
Gain_Set
V+
V-
Out
ILIM
EN
IQSET
IFLAG
TFLAG
Limits & Alarms
Differential
Amplifier
Output
Stage
Voltage
Amplifier
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
OPA521
SBOS872 – MAY 2018
OPA521 Narrowband Power Line Communications Line Driver
1
1 Features
1
•
Supports:
–
CENELEC Bands A, B, C, D
–
ARIB STD-T84, FCC
–
FSK, SFSK, and NB-OFDM
•
Conforms To:
–
EN50065-1, -2, -3, -7
–
FCC, Part 15
–
ARIB STD-T84
•
Standards:
–
G3, PRIME, P1901.2, ITU-G.hnem
•
Integrated Power-Line Driver With Thermal and
Overcurrent Protection
•
Pin-Selectable Quiescent Current Consumption:
–
40 µA in Standby Mode (Typical)
–
51 mA for CENELEC Bands A, B, C, D
(Typical)
–
78 mA for FCC, ARIB STD-T84, FCC (Typical)
•
Package: 5 mm × 5 mm 20-Pin VQFN
•
Extended Operating Temperature Range:
TA = –40°C to +125°C
2 Applications
•
eMetering
•
Home Area Networks
•
Lighting Applications
•
Solar Applications
•
Pilot Wires and EVSEs
3 Description
The OPA521 is a power line communications (PLC)
line driver that meets the conducted emissions
requirements in CENELEC bands A, B, C and D and
ARIB STD-T84 and FCC Part 15. This device is
designed for driving high-current, low-impedance
lines up to 1.9 A into reactive loads. With optimized
internal protection structures, the OPA521 requires
minimal external protection components that enable a
minimal system solution cost.
The OPA521 gives a closed-loop gain of 7 with a 3.8-
MHz bandwidth. The monolithic integrated circuit
gives high reliability in power line communication
applications.
The OPA521 transmit power amplifier operates from
a single supply from 7 V to 24 V. At a typical load
current (IOUT = 1.9 APEAK), a wide output swing gives
a 10-VPP capability with a nominal 24-V supply.
The
device
is
internally
protected
against
overtemperature and short-circuit conditions. Fault
detection flags indicate current and thermal limits. A
shutdown pin is available, and places the device into
a low-power state, consuming 40 µA (typical).
The OPA521 is available in a surface-mount, 5 mm ×
5 mm QFN, 20-pin package (RGW). Operation is
specified
over
the
extended
industrial
junction
temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA521
VQFN (20)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - OPA521

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA501 BURR-BROWN-OPA501 Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
OPA501AM BURR-BROWN-OPA501AM Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
OPA501BM BURR-BROWN-OPA501BM Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
OPA501RM BURR-BROWN-OPA501RM Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
OPA501SM BURR-BROWN-OPA501SM Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA521

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC79101 BEL-APC79101 Datasheet
165Kb / 1P
Power Packet Power Line Communications AFE Hybrid
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
Power Line Communications
Rev. PrA
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
FSK Power Line Communications SoC
ATPL230A ATMEL-ATPL230A Datasheet
1Mb / 122P
ATPL Series Power Line Communications Device
ATPL250A ATMEL-ATPL250A Datasheet
1Mb / 28P
ATPL Series Power Line Communications Device
logo
STMicroelectronics
STLD1 STMICROELECTRONICS-STLD1 Datasheet
681Kb / 13P
Power-line communication dual line driver
19-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com