Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments OPA521 Datasheet HTML 12Page - Texas Instruments OPA521 Datasheet HTML 13Page - Texas Instruments OPA521 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
C
=
IN
1
2
18 k
f
´ p
W
HP
´
´
10
OPA521
SBOS872 – MAY 2018
www.ti.com
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 System Examples
8.2.2.1.1
Power Amplifier Block
This power amplifier transmits data onto power lines through a line-coupling circuit. The power amplifier consists
of a high slew rate, high-voltage, and high-current operational amplifier. The amplifier is configured with an
inverting gain of 7 V/V and maintains excellent linearity and low distortion throughout the bandwidth. The
amplifier operates from 7 V to 24 V and can deliver up to ±1.9 A of continuous output current over the specified
junction temperature range of –40°C to +125°C. Connecting the amplifier in a typical power line communication
(PLC) application requires a few additional components. Figure 2 shows the typical connections to the amplifier.
Figure 2. Typical Connections to the Amplifier
8.2.2.1.1.1
+IN Connection
The +IN pin provides the correct half power supply bias for the quiescent output voltage. The +IN pin is always
connected to a DC bias equal to (V+) / 2.
8.2.2.1.1.2
-IN Connection
The external capacitor (CIN) introduces a single-pole, high-pass characteristic to the transfer function. The CIN
and amplifier combination has a band-pass response because of the inherent low-pass transfer function from the
amplifier. The value of the high-pass cutoff frequency is determined by CIN that reacts with the input resistance of
the amplifier circuit. Equation 2 calculates this value:
where:
•
CIN = external input capacitor and
•
fHP = desired high-pass cutoff frequency.
(2)
For example, setting CIN to 3.3 nF results in a high-pass cutoff frequency of 2.9 kHz. The voltage rating for CIN
must be determined to withstand operation up to the PA power supply voltage.
CIN sets a DC gain of unity. This biases the DC output of the amplifier to the same level that is applied to the +IN,
which must always be connected to a noise-free, low-impedance source of one-half of the supply voltage (V+).
8.2.2.2
Line-Coupling Circuit
The line-coupling circuit is one of the most critical circuits in a power line modem. The line-coupling circuit blocks
the low-frequency signal of the mains (commonly 50 Hz or 60 Hz) from damaging the low-voltage modem
circuitry and couples the modem signal to and from the AC mains. Figure 3 shows a typical line-coupling circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com