Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments OPA521 Datasheet HTML 12Page - Texas Instruments OPA521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
+
±
LV
Capacitor
PA
Supply
Power
Amplifier
+
N1
+
N2
HV
Capacitor
L
Rload
Phase
Neutral
+ Vswing -
+ V1 -
+ V2 -
+
Vload
-
9
OPA521
www.ti.com
SBOS872 – MAY 2018
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPA521 is an integrated, power line communication power amplifier that transmits PLC data onto power
lines through a line-coupling circuit.
8.2 Typical Application
A schematic for a typical application is provided in Figure 1.
Figure 1. Typical Line Coupling Circuit
8.2.1 Design Requirements
For typical power line applications, use the following parameters:
Table 1. Power-Supply Requirements
PARAMETER
FSK OR SFSK
PRIME OR G3 OFDM
UNITS
Frequency range
63 to 74
35 to 95
kHz
RLOAD
2
2
Ω
VLOAD
1
1
VRMS
VLOAD
1.414
3
VPEAK
VLOAD
2.828
6
VPP
OFDM multiplier
—
1.5
—
VSWING
2
2
V
Turns ration, N1/N2
1.5
1.5
—
PA supply
8.25
17.5
V
Example:
For PRIME or G3 using an OFDM signal with a 2-Ω load and 1-VRMSload voltage:
PASupply= VLOAD × OFDM Multiplier × Turns Ration + (2 × VSWING)
PASupply= 6 V × 1.5 × 1.5 + (2 × 2 V)
PASupply= 17.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com