Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 4Page - Texas Instruments OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments OPA521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
OPA521
SBOS872 – MAY 2018
www.ti.com
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
ILIM Pin Current Limiting (continued)
•
RSET = the value of the external resistor connected between pin 26 and ground,
•
and
•
Ilim = the value of the desired current limit.
(1)
There is a 30% tolerance on the Ilim value given by Equation 1.
7.7 IFLAG and TFLAG Pins
The IFLAG and TFLAG pins are active-high, open-drain outputs that indicate if the OPA521 is in current or
thermal limit. Connect these pins to 3.3 V through pullup resistors (for example 10 kΩ).
The maximum output current from the power amplifier is programmed with the external ILIM resistor that is
connected between ILIM (pin 12) and ground. IFLAG is set if the amplifier goes to a current limit state if a fault
condition occurs. This causes the PA to source or sink more current than the programmed limit value. IFLAG
exhibits transient pulses under typical operation. An IFLAG true state for greater than 100 ms is a definite
indication of a fault current condition.
The device contains internal thermal shutdown protection circuitry that automatically disables the output stage if
the junction temperature exceeds 165°C. The device thermal shutdown protection circuitry lets the amplifier
typical normal operation only when the junction temperature falls below 150°C. The TFLAG is active when the
device is in thermal shut down mode.
7.8 Device Functional Modes
The OPA521 operates from a single power rail from 7 V to 24 V. The gain is set at –7 V/V and can increase with
an external resistor that is connected to the GAIN_SET and –IN pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com