Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments OPA521 Datasheet HTML 12Page - Texas Instruments OPA521 Datasheet HTML 13Page - Texas Instruments OPA521 Datasheet HTML 14Page - Texas Instruments OPA521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
+
+
N1
N2
Phase
Neutral
Low-Voltage
Capacitor
High-Voltage
Capacitor
Power
Amplifier
MOV
TVS
PA
Power Supply
D2
D1
D3
Device
Copyright © 2017, Texas Instruments Incorporated
+
+
N1
N2
Phase
Neutral
Low-Voltage
Capacitor
High-Voltage
Capacitor
L
Power
Amplifier
Copyright © 2017, Texas Instruments Incorporated
11
OPA521
www.ti.com
SBOS872 – MAY 2018
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 3. Simplified Line-Coupling Circuit
8.2.2.3 Circuit Protection
Power-line communications are often located in operating environments that are harsh for electrical components
connected to the AC line. Noise or surges from electrical anomalies (such as lightning, capacitor bank switching,
inductive switching, or other grid fault conditions) can damage high-performance integrated circuits if proper
protection is not provided. The power amplifier can survive the harshest conditions by using a variety of
techniques to protect the device.
Lay out the protection circuitry to dissipate as much of the electrical disturbance as possible with a multilayer
approach using metal-oxide varistors (MOVs), transient voltage suppression diodes (TVSs), Schottky diodes, and
a Zener diode. These components dissipate the electrical disturbance before the anomaly reaches the device.
Figure 4 shows the recommended strategy for transient overvoltage protection.
Figure 4. Transient Overvoltage Protection
The high-voltage coupling capacitor must be able to withstand pulses up to the clamping protection that are
provided by the MOV. A metalized polypropylene capacitor (such as the 474MKP275KA from Illinois Capacitor™)
is rated for 50 Hz to 60 Hz and 250 VAC to 310 VAC, and withstands 24 impulses of 2.5 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com