Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 3Page - Texas Instruments OPA521 Datasheet HTML 4Page - Texas Instruments OPA521 Datasheet HTML 5Page - Texas Instruments OPA521 Datasheet HTML 6Page - Texas Instruments OPA521 Datasheet HTML 7Page - Texas Instruments OPA521 Datasheet HTML 8Page - Texas Instruments OPA521 Datasheet HTML 9Page - Texas Instruments OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
18 k
126 k
-IN
+IN
Gain_Set
V+
V-
Out
ILIM
EN
IQSET
IFLAG
TFLAG
Limits & Alarms
Differential
Amplifier
Output
Stage
Voltage
Amplifier
7
OPA521
www.ti.com
SBOS872 – MAY 2018
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA521 is a power amplifier designed for power line communication (PLC) applications. The device
features a fixed gain of –7 V/V, low-pass filter response, excellent linearity and low distortion through the
bandwidth. The amplifier operates with 7-V to 24-V supplies, and can deliver up to ±1.9 A of continuous current
from –40°C to +125°C.
7.2 Functional Block Diagram
7.3 Feature Description
The OPA521 offers an optional output current limit (ILIM), quiescent current (IQSET) selection pins, and a device
enable pin. The IFLAG output alarm pin indicates an output current warning and the TFLAG alarm triggers when
the internal temperature of the device forces the devices to shut down.
7.4 IQSET Pin
This pin sets the operating band of the amplifier by adjusting the quiescent current.
•
IQSET > 2 V sets the device to operate in the FCC or ARIB bands
•
IQSET < 0.8 V sets the device to operate in the CENELEC bands
7.5 EN Pin
When the transmitter is not in use, the output is disabled and placed in a high-impedance state when the EN
pin decreases. For typical operation, connect the EN pin to 3.3 V. In disabled mode, the entire device draws
40 μA (typical) of current.
7.6 ILIM Pin Current Limiting
The ILIM pin (pin 12) provides a resistor-programmable output current limit. Equation 1 determines the value of
the external RSET resistor attached to this pin.
where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com