Electronic Components Datasheet Search
  English  ▼

X  

OPA521 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA521
Description  Narrowband Power Line Communications Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA521 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA521 Datasheet HTML 10Page - Texas Instruments OPA521 Datasheet HTML 11Page - Texas Instruments OPA521 Datasheet HTML 12Page - Texas Instruments OPA521 Datasheet HTML 13Page - Texas Instruments OPA521 Datasheet HTML 14Page - Texas Instruments OPA521 Datasheet HTML 15Page - Texas Instruments OPA521 Datasheet HTML 16Page - Texas Instruments OPA521 Datasheet HTML 17Page - Texas Instruments OPA521 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Less than 1%
~20%
~80%
~20%
14
OPA521
SBOS872 – MAY 2018
www.ti.com
Product Folder Links: OPA521
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
10.1.1 Thermal Considerations
In a typical power line communications application, the device dissipates 2 W of power when transmitting to the
low-impedance AC line. This amount of power dissipation can increase the junction temperature, which can lead
to a thermal overload that results in signal transmission interruptions if the PCB thermal design is not
implemented properly. Proper management of heat flow from the device and good PCB design and construction
are required to ensure proper device temperature, maximize performance, and extend the operating life of the
device.
The device is assembled in a 5-mm × 5-mm, QFN-20 package. This QFN package has a large exposed thermal
pad on the underside that conducts heat away from the device and to the underlying PCB.
Some heat is conducted from the silicon die surface through the plastic packaging material and is transferred to
the ambient environment. However, this route is not the primary thermal path for heat flow because plastic is a
relatively poor conductor of heat. Heat flows across the silicon die surface to the bond pads through the wire
bonds to the package leads, to the top layer of the PCB. While these paths for heat flow are important, the
majority (nearly 80%) of the heat flows downward through the silicon die to the thermally-conductive die-attach
epoxy and to the exposed thermal pad on the underside of the package (as shown in Figure 5). Minimizing the
thermal resistance of this downward path to the ambient environment maximizes the life and performance of the
device.
Figure 5. Heat Flow in the QFN Package
The exposed thermal pad must be soldered to the PCB thermal pad. The thermal pad on the PCB must be the
same size as the exposed thermal pad on the underside of the QFN package. See QFN/SON PCB Attachment
for recommendations on attaching the thermal pad to the PCB. Figure 6 shows the direction of heat spreading to
the PCB from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com