Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL62391IRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 4 of 22
August 25, 2015
VCC POR Threshold
Rising Edge
4.33
4.50
4.55
V
Rising Edge (ISL62391HRTZ, ISL62392HRTZ,
TA = -10°C to +100°C)
4.35
4.50
4.55
V
Falling Edge
4.08
4.20
4.30
V
Falling Edge (ISL62391HRTZ, ISL62392HRTZ,
TA = -10°C to +100°C)
4.10
4.20
4.30
V
Reference Voltage
0.6
V
Regulation Accuracy
VOUT regulated to 0.6V
-1
1
%
FB Input Bias Current
FB = 0.6V
-12
30
nA
FB = 0.6V (ISL62391HRTZ, ISL62392HRTZ,
TA = -10°C to +100°C)
-10
30
nA
Frequency Range
200
600
kHz
Frequency Set Accuracy
FSW = 300kHz (Note 6)
-12
12
%
VOUT Voltage Adjust Range
VIN
6V for VOUT = 5.5V
0.6
5.5
V
VOUT Soft-discharge Resistance
14
50
PGOOD Pull-down Impedance
32
50
PGOOD Leakage Current
PGOOD = VCC
0
1
µA
Maximum PGOOD Sink Current
5mA
PGOOD Soft-start Delay
(From first EN = 1 to PGOOD = 1)
EN1 = EN2 = 1
2.20
2.75
3.70
ms
EN1 = 1, EN2 = Floating or EN1 = Floating, EN2 =1
4.50
5.60
7.60
ms
EN1 = 1, EN2 = Floating or EN1 = Floating, EN2 =1
(ISL62391HRTZ, ISL62392HRTZ, TA = -10°C to
+100°C)
4.50
5.60
7.50
ms
UGATE Pull-up ON-resistance
200mA source current
1.0
1.5
UGATE Source Current
UGATE-PHASE = 2.5V
2.0
A
UGATE Pull-down ON-resistance
250mA source current
1.0
1.5
UGATE Sink Current
UGATE-PHASE = 2.5V
2.0
A
LGATE Pull-up ON-resistance
250mA source current
1.0
1.5
LGATE Source Current
LGATE-PGND = 2.5V
2.0
A
LGATE Pull-down ON-resistance
250mA source current
0.5
0.9
LGATE Sink Current
LGATE-PGND = 2.5V
4.0
A
UGATE to LGATE Deadtime
UG falling to LG rising, no load
21
ns
LGATE to UGATE Deadtime
LG falling to UG rising, no load
21
ns
Bootstrap Diode Forward Voltage
2mA forward diode current
0.58
V
Bootstrap Diode Reverse Leakage Current
VR = 25V
0.2
1
µA
FCCM Input Voltage
Low Level (DCM enabled)
0.8
V
Float Level (audio filter enabled)
1.9
2.1
V
High Level (forced CCM)
2.4
V
FCCM Input Leakage Current
FCCM = GND or VCC
-2
2
µA
Audio Filter Switching Frequency
FCCM floating
28
kHz
EN Input Voltage
Low Level (Clear fault level/SMPS off)
0.8
V
Float Level (Delayed start)
1.9
2.1
V
High Level (SMPS on)
2.4
V
Electrical Specifications
VIN=12V, EN=VCC, TA = -40°C to +100°C, unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com