Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL62391IRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 5 of 22
August 25, 2015
EN Input Leakage Current
EN = GND or VCC
-3.5
3.5
µA
ISEN Input Impedance
EN = VCC
600
k
ISEN Input Leakage Current
EN = GND
0.1
µA
OCSET Input Impedance
EN = VCC
600
k
OCSET Input Leakage Current
EN = GND
0.1
µA
OCSET Current Source
EN = VCC
8.7
10.0
10.5
µA
EN = VCC (ISL62391HRTZ, ISL62392HRTZ,
TA = -10°C to +100°C)
9
10.0
10.5
µA
OCP (OCSET-ISEN) Threshold
-1.75
0.0
1.75
mV
UVP Threshold
Falling edge, referenced to FB
80.9
84
87
%
Falling edge, referenced to FB (ISL62391HRTZ,
ISL62392HRTZ, TA = -10°C to +100°C)
81
84
87
%
OVP Threshold
Rising edge, referenced to FB
113
116
120
%
Falling edge, referenced to FB
99.5
103
106
%
OTP Threshold
Rising edge
150
°C
Falling edge
135
NOTES:
6. FSW accuracy reflects IC tolerance only; it does not include frequency variation due to VIN, VOUT, LOUT, ESRCOUT, or other application specific
parameters.
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications
VIN=12V, EN=VCC, TA = -40°C to +100°C, unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com