Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 7 of 22
August 25, 2015
Typical Application Circuits
The typical application circuits generate the 5V/8A and 3.3V/8A (system regulator), or 1.05V/15A and 1.5V/15A (chip set) supplies
in a notebook computer. The input supply (VBAT) range is 5.5V to 25V.
FIGURE 1. TYPICAL SYSTEM REGULATOR APPLICATION CIRCUIT WITH INDUCTOR DCR CURRENT SENSE
FIGURE 2. TYPICAL SYSTEM REGULATOR APPLICATION CIRCUIT WITH RESISTOR SENSE
V BAT
VIN
PH A SE1
UG AT E 1
LG A T E 1
O C SET 1
ISEN 1
VO U T 1
FB 1
P HAS E 2
UG AT E 2
LG A T E 2
O C SET2
ISEN 2
VO U T 2
FB 2
3.3V
5V
LD O 3
PVC C
VC C
PVC C
P GOO D
PG N D
PA D
EN 1
EN 2
F SET1
F SET2
BO O T 1
BO O T 2
FC C M
LD O 3 E N
0.22µF
0.22µF
IRF7821
IRF7821
IRF7832
IRF7832
4.7µH
4.7µH
9.09k
68.1k
750
1200pF
14k
14k 0.022µF
100k
0.01µF
0.01µF
19.6k
24.3k
1µF
4.7µF
10k
45.3k
1µF
330µF
330µF
1200pF
750
14k
14k
0.022µF
4x10µF
ISL62391, ISL62392
ISL62391C, ISL62392C
VB A T
VIN
PH A S E1
UG AT E 1
LG A T E 1
OC S E T 1
IS E N 1
VO U T 1
FB 1
P HAS E 2
UG AT E2
LG A T E 2
OC S E T 2
ISEN 2
VO U T 2
FB 2
3.3V
5V
3.3 V
LD O 3
PV C C
VC C
PV C C
PG O O D
PG N D
GN D
EN 1
EN 2
FS E T 1
FS E T 2
BO O T 1
BO O T 2
FC C M
LD O 3 E N
0.22µF
0.22µF
IRF7821
IRF7821
IRF7832
IRF7832
4.7µH
4.7µH
4x10µF
ISL62391, ISL62392
0.01µF
0.01µF
24.3k
19.6k
1µF
1µF
4.7µF
9.09k
68.1k
1200pF
1200pF
750
750
100k
45.3k
10k
330µF
330µF
0.001
0.001
1k
1k
1k
1k
ISL62391C, ISL62392C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com