Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 13 of 22
August 25, 2015
Theory of Operation
Three Output Controller
The ISL62391, ISL62392, ISL62391C and ISL62392C generate
three regulated output voltages. Two are produced with switch-
mode power supplies (SMPS), and the third by a low dropout
linear regulator (LDO). An additional 5V LDO (PVCC) is used to
power the chip during operation, allowing the ISL62391,
ISL62392, ISL62391C and ISL62392C to regulate all outputs
from a single power source (VIN) with no need for a separate
quiescent supply. This makes the ISL62391, ISL62392,
ISL62391C and ISL62392C an ideal choice as system regulator
for notebook PCs. Because the two SMPS channels are
identical and almost entirely independent, all conclusions drawn
apply to both channels unless otherwise noted.
Modulator and Switching Frequency
The ISL62391, ISL62392, ISL62391C and ISL62392C
modulator feature Intersil’s R3 technology, a hybrid of fixed
frequency PWM and variable frequency hysteretic control.
Intersil’s R3 technology can simultaneously affect the PWM
switching frequency and PWM duty cycle in response to input
voltage and output load transients. The R3 modulator
synthesizes an AC signal, VR, which is an analog
representation of the output inductor ripple current. The duty-
cycle of VR is the result of charge and discharge current
through a ripple capacitor, CR. The current through CR is
provided by a transconductance amplifier that measures the
VIN and VO pin voltages. The positive slope of VR can be
written as Equation 1:
The negative slope of VR can be written as Equation 2:
Where gm is the gain of the transconductance amplifier.
A window voltage VW is referenced with respect to the error
amplifier output voltage VCOMP, creating an envelope into
which the ripple voltage VR is compared. The amplitude of VW
is set by a resistor, RW, connected across the FSET and GND
pins. The VR, VCOMP, and VW signals feed into a window
comparator in which VCOMP is the lower threshold voltage and
VW is the higher threshold voltage. Figure 23 shows PWM
pulses being generated as VR traverses the VW and VCOMP
thresholds. The PWM switching frequency is proportional to
the slew rates of the positive and negative slopes of VR; it is
inversely proportional to the voltage between VW and VCOMP.
Equation 3 illustrates how to calculate the window size based
on output voltage and frequency set resistor.
The frequency can be expressed in Equation 4:
Inverting Equation 4 allows easy selection of RW for a desired
FSW:
For Equations 3 through 5:
gm = 1.66µs
K = 1.7 x 10-10 (±20%)
D = VOUT/VIN
Power-On Reset
The ISL62391, ISL62392, ISL62391C and ISL62392C are
disabled until the voltage at the VIN pin has increased above
the rising power-on reset (POR) threshold. Conversely, the
controller will be disabled when the voltage at the VIN pin
decreases below the falling POR threshold.
In addition to VIN POR, the PVCC pin is also monitored. If its
voltage falls below 4.2V, the SMPS outputs will be shut down.
This ensures that there is sufficient BOOT voltage to enhance
the upper MOSFET.
EN, Soft-Start and PGOOD
The ISL62391, ISL62392, ISL62391C and ISL62392C use a
digital soft-start circuit to ramp the output voltage of each
SMPS to the programmed regulation setpoint at a predictable
slew rate. The slew rate of the soft-start sequence has been
selected to limit the in-rush current through the output
capacitors as they charge to the desired regulation voltage.
When the EN pins are pulled above their rising thresholds, the
PGOOD Soft-Start Delay, tSS, starts and the output voltage
begins to rise. The FB pin ramps to 0.6V in approximately 1.5ms
and the PGOOD pin goes to high impedance approximately
1.25ms after the FB pin voltage reaches 0.6V.
VRPOS
gm VIN VOUT
–

=
(EQ. 1)
VRNEG
gm VOUT
=
(EQ. 2)
FIGURE 23. MODULATOR WAVEFORMS DURING LOAD
TRANSIENT
PWM
RIPPLE CAPACITOR VOLTAGE CR
ERROR AMPLIFIER
WINDOW VOLTAGE VW
(WRT VCOMP)
VOLTAGE VCOMP
VW
gm VOUT 1D
–
 R
W

=
(EQ. 3)
FSW
1
KRW
------------------
=
(EQ. 4)
RW
1
KFSW
---------------------
=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com