Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 18Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 15 of 22
August 25, 2015
to all load conditions, but will have increased light-load power
loss. If FCCM is forced low, the ISL62391, ISL62392,
ISL62391C and ISL62392C will automatically operate in Diode
Emulation Mode (DEM) at light load to optimize efficiency in the
entire load range. The transition is automatically achieved by
detecting the load current and turning off LGATE when the
inductor current reaches 0A.
Positive-going inductor current flows from either the source of
the high-side MOSFET, or the drain of the low-side MOSFET.
Negative-going inductor current flows into the drain of the low-
side MOSFET. When the low-side MOSFET conducts positive
inductor current, the phase voltage will be negative with
respect to the GND and PGND pins. Conversely, when the
low-side MOSFET conducts negative inductor current, the
phase voltage will be positive with respect to the GND and
PGND pins. The ISL62391, ISL62392, ISL62391C and
ISL62392C monitor the phase voltage when the low-side
MOSFET is conducting inductor current to determine its
direction.
When the output load current is greater than or equal to ½ the
inductor ripple current, the inductor current is always positive,
and the converter is always in CCM. The ISL62391, ISL62392,
ISL62391C and ISL62392C minimize the conduction loss in
this condition by forcing the low-side MOSFET to operate as a
synchronous rectifier.
When the output load current is less than ½ the inductor ripple
current, negative inductor current occurs. Sinking negative
inductor through the low-side MOSFET lowers efficiency
through unnecessary conduction losses. The ISL62391,
ISL62392, ISL62391C and ISL62392C automatically enter
DEM after the PHASE pin has detected positive voltage and
LGATE was allowed to go high for 8 consecutive PWM
switching cycles. The ISL62391, ISL62392, ISL62391C and
ISL62392C will turn off the low-side MOSFET once the phase
voltage turns positive, indicating negative inductor current. The
ISL62391, ISL62392, ISL62391C and ISL62392C will return to
CCM on the following cycle after the PHASE pin detects
negative voltage, indicating that the body diode of the low-side
MOSFET is conducting positive inductor current.
Efficiency can be further improved with a reduction of
unnecessary switching losses by reducing the PWM frequency.
It is characteristic of the R3 architecture for the PWM
frequency to decrease while in diode emulation. The extent of
the frequency reduction is proportional to the reduction of load
current. Upon entering DEM, the PWM frequency makes an
initial step-reduction because of a 33% step-increase of the
window voltage VW.
Because the switching frequency in DEM is a function of load
current, very light load conditions can produce frequencies well
into the audio band. This can be problematic if audible noise is
coupled into audio amplifier circuits. To prevent this from
occurring, the ISL62391, ISL62392, ISL62391C and
ISL62392C allow the user to float the FCCM input. This will
allow DEM at light loads, but will prevent the switching
frequency from going below ~28kHz to prevent noise injection
to the audio band. A timer is reset each PWM pulse. If the
timer exceeds 30µs, LGATE is turned on, causing the ramp
voltage to reduce until another UGATE is commanded by the
voltage loop.
Overcurrent Protection
The overcurrent protection (OCP) setpoint is programmed with
resistor, ROCSET, that is connected across the OCSET and
PHASE pins.
Figure 26 shows the overcurrent-set circuit for SMPS1. The
inductor consists of inductance L and the DC resistance
(DCR). The inductor DC current IL creates a voltage drop
across DCR, which is given by Equation 6:
The ISL62391, ISL62392, ISL62391C and ISL62392C sink a
10µA current into the OCSET1 pin, creating a DC voltage drop
across the resistor ROCSET, which is given by Equation 7:
Resistor RO is connected between the ISEN1 pin and the
actual output voltage of the converter. During normal
operation, the ISEN1 pin is a high impedance path, therefore
there is no voltage drop across RO. The DC voltage difference
between the OCSET1 pin and the ISEN1 pin can be
established using Equation 8:
The ISL62391, ISL62392, ISL62391C and ISL62392C monitor
the OCSET1 pin and the ISEN1 pin voltages. Once the
OCSET1 pin voltage is higher than the ISEN1 pin voltage for
more than 10µs, the ISL62391, ISL62392, ISL62391C and
ISL62392C declare an OCP fault. The value of ROCSET is then
written as Equation 9:
FIGURE 26. OVERCURRENT-SET CIRCUIT
PHASE1
CO
L
VO
ROCSET
CSEN
OCSET1
ISEN1
RO
ISL62391,
DCR
IL
10µA
+
_
VDCR
+
_
VROCSET
ISL62392
VDCR
IL DCR
=
(EQ. 6)
VROCSET
10
AR
OCSET
=
(EQ. 7)
VOCSET1 V
– ISEN1
IL DCR
10
AR
OCSET
–
=
(EQ. 8)
(EQ. 9)
ROCSET
IOC DCR
10
A
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com