Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 18Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 19Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 16 of 22
August 25, 2015
Where:
-ROCSET () is the resistor used to program the
overcurrent setpoint
-IOC is the output current threshold that will activate the
OCP circuit
- DCR is the inductor DC resistance
For example, if IOC is 20A and DCR is 4.5m, the choice of
ROCSET is ROCSET = 20A x 4.5m/10µA = 9k
Resistor ROCSET and capacitor CSEN form an R-C network to
sense the inductor current. To sense the inductor current
correctly, not only in DC operation but also during dynamic
operation, the R-C network time constant ROCSET-CSEN
needs to match the inductor time constant L/DCR. The value of
CSEN is then written as Equation 10:
For example, if L is 1.5µH, DCR is 4.5m
, and ROCSET is 9k
the choice of CSEN = 1.5µH/(9kx 4.5m) = 0.037µF
Upon converter start-up, the CSEN capacitor bias is 0V. To
prevent false OCP during this time, a 10µA current source
flows out of the ISEN1 pin, generating a voltage drop on the
RO resistor, which should be chosen to have the same
resistance as ROCSET. When the PGOOD pin goes high, the
ISEN1 pin current source will be removed.
When an OCP fault is declared, the PGOOD pin will pull-down
to 32
and latch-off the converter. The fault will remain latched
until the EN pin has been pulled below the falling EN threshold
voltage, or until VIN has decayed below the falling POR
threshold.
When using a discrete current sense resistor, inductor
time-constant matching is not required. Equation 7 remains
unchanged, but Equation 8 is modified in Equation 11:
Furthermore, Equation 9 is changed in Equation 12:
Where RSENSE is the series power resistor for sensing
inductor current. For example, with an RSENSE = 1m and an
OCP target of 10A, ROCSET = 1k
Overvoltage Protection
The OVP fault detection circuit triggers after the FB pin voltage
is above the rising overvoltage threshold for more than 2µs.
The FB pin voltage is 0.6V in normal operation. The rising
overvoltage threshold is typically 116% of that value, or
1.16*0.6V = 0.696V.
For ISL62391, ISL62392, ISL62391C and ISL62392C, when an
OVP fault is declared, the PGOOD pin will pull-down with 32
and latch-off the converter. The OVP fault will remain latched
until the EN pin has been pulled below the falling EN threshold
voltage, or until VIN has decayed below the falling POR
threshold. During the latch condition, the ISL62391 and
ISL62391C will tri-state the PHASE node by turning both
UGATE and LGATE off until the latch is cleared.
Although latched, the ISL62392 and ISL62392C LGATE gate-
driver output will retain the ability to toggle the low-side
MOSFET on and off in response to the output voltage
transversing the OVP rising and falling thresholds. The LGATE
gate-driver will turn on the low-side MOSFET to discharge the
output voltage, thus protecting the load from potentially
damaging voltage levels. The LGATE gate-driver will turn off the
low-side MOSFET once the FB pin voltage is lower than the
falling overvoltage threshold for more than 2µs. The falling
overvoltage threshold is typically 106% of the reference voltage,
or 1.06*0.6V = 0.636V. This soft-crowbar process repeats as
long as the output voltage fault is present, allowing the ISL62392
and ISL62392C to protect against persistent overvoltage
conditions.
Undervoltage Protection
The UVP fault detection circuit triggers after the FB pin voltage is
below the undervoltage threshold for more than 2µs. The
undervoltage threshold is typically 86% of the reference voltage,
or 0.86*0.6V = 0.516V. If a UVP fault is declared, the PGOOD
pin will pull-down with 32
and latch-off the converter. The fault
will remain latched until the EN pin has been pulled below the
falling enable threshold, or if VIN has decayed below the falling
POR threshold.
Programming the Output Voltage
When the converter is in regulation, there will be 0.6V between
the FB and GND pins. Connect a two-resistor voltage divider
across the OUT and GND pins with the output node connected
to the FB pin, as shown in Figure 27. Scale the voltage-divider
network such that the FB pin is 0.6V with respect to the GND
pin when the converter is regulating at the desired output
voltage. The output voltage can be programmed from 0.6V to
5.5V.
Programming the output voltage is written as Equation 13:
Where:
-VOUT is the desired output voltage of the converter
- The voltage to which the converter regulates the FB pin is
the VREF (0.6V)
-RTOP is the voltage-programming resistor that connects
from the FB pin to the converter output. In addition to
setting the output voltage, this resistor is part of the loop
compensation network
-RBOTTOM is the voltage-programming resistor that
connects from the FB pin to the GND pin
Choose RTOP first when compensating the control loop, and
then calculate RBOTTOM according to Equation 14:
(EQ. 10)
CSEN
L
ROCSET DCR
-----------------------------------------
=
VOCSET1 V
– ISEN1
IL RSENSE
10
AR
OCSET
–
=
(EQ. 11)
ROCSET
IOC RSENSE
10
A
-------------------------------------
=
(EQ. 12)
VOUT
VREF 1
RTOP
RBOTTOM
-----------------------------
+



=
(EQ. 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com