Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 10Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 11Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 12Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 11 of 22
August 25, 2015
FIGURE 11. CCM STEADY-STATE OPERATION, VIN = 12V,
VO1 = 3.3V, IO1 =5A, VO2 = 5V, IO2 =5A
FIGURE 12. DCM STEADY-STATE OPERATION, VIN =12V,
VO1 = 3.3V, IO1 = 0. 2A, VO2 = 5V, IO2 = 0.2A
FIGURE 13. AUDIO FILTER OPERATION, VIN = 12V,
VO1 = 3.3V, VO2 = 5V, NO LOAD
FIGURE 14. TRANSIENT RESPONSE, VIN = 12V, VO =3.3V,
IO = 0.1A/8.1A @ 2.5A/µs
FIGURE 15. LOAD INSERTION RESPONSE, VIN =12V,
VO = 3.3V, IO = 0.1A/8.1A @ 2.5A/µs
FIGURE 16. LOAD RELEASE RESPONSE, VIN =12V,
VO = 3.3V, IO = 0.1A/8.1A @ 2.5A/µs
Typical Performance Curves (Continued)
PHASE2
VO2
PHASE1
VO1
VO1
PHASE1
VO2
PHASE2
VO1
PHASE1
VO2
PHASE2
IO1
VO1
PHASE1
VO1
PHASE1
IO1
VO1
PHASE1
IO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com