Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 18Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 19Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 20Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 21Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 20 of 22
August 25, 2015
FB (Pins 7 and 28), and VOUT (Pins 8 and 27)
The VOUT pin is used to generate the R3 synthetic ramp
voltage and for soft-discharge of the output voltage during
shutdown events. This signal should be routed as close to the
regulation point as possible. The input impedance of the FB pin
is high, so place the voltage programming and loop
compensation components close to the VOUT, FB, and GND
pins, keeping the high impedance trace short.
FSET (Pins 2 and 6)
This pin requires a quiet environment. The resistor RFSET and
capacitor CFSET should be placed directly adjacent to this pin.
Keep fast moving nodes away from this pin.
LGATE (Pins 15 and 20)
The signal going through this trace is both high dv/dt and high
di/dt, with high peak charging and discharging current. Route
this trace in parallel with the trace from the PGND pin. These
two traces should be short, wide, and away from other traces.
There should be no other weak signal traces in proximity with
these traces on any layer.
BOOT (Pins 14 and 21), UGATE (Pins 13 and 22), and
PHASE (Pins 12 and 23)
The signals going through these traces are both high dv/dt and
high di/dt, with high peak charging and discharging current.
Route the UGATE and PHASE pins in parallel with short and
wide traces. There should be no other weak signal traces in
proximity with these traces on any layer.
Copper Size for the Phase Node
The parasitic capacitance and parasitic inductance of the
phase node should be kept very low to minimize ringing. It is
best to limit the size of the PHASE node copper in strict
accordance with the current and thermal management of the
application. An MLCC should be connected directly across the
drain of the upper MOSFET and the source of the lower
MOSFET to suppress the turn-off voltage spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com