Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 18Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 19Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 20Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 21Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 19 of 22
August 25, 2015
Where:
-Qg is the total gate charge required to turn on the
high-side MOSFET
-
VBOOT, is the maximum allowed voltage decay across
the boot capacitor each time the high-side MOSFET is
switched on
As an example, suppose the high-side MOSFET has a total
gate charge Qg, of 25nC at VGS = 5V, and a VBOOT of
200mV. The calculated bootstrap capacitance is 0.125µF; for a
comfortable margin, select a capacitor that is double the
calculated capacitance. In this example, 0.22µF will suffice.
Use an X7R or X5R ceramic capacitor.
Layout Considerations
As a general rule, power should be on the bottom layer of the
PCB and weak analog or logic signals are on the top layer of
the PCB. The ground-plane layer should be adjacent to the top
layer to provide shielding. The ground plane layer should have
an island located under the IC, the compensation components,
and the FSET components. The island should be connected to
the rest of the ground plane layer at one point.
Because there are two SMPS outputs and only one PGND pin,
the power train of both channels should be laid out
symmetrically. The line of bilateral symmetry should be drawn
through pins 4 and 18. This layout approach ensures that the
controller does not favor one channel over another during
critical switching decisions. Figure 29 illustrates one example
of how to achieve proper bilateral symmetry.
Signal Ground and Power Ground
The bottom of the ISL62391, ISL62392, ISL62391C and
ISL62392C TQFN package is the signal ground (GND)
terminal for analog and logic signals of the IC. Connect the
GND pad of the ISL62391, ISL62392, ISL62391C and
ISL62392C to the island of ground plane under the top layer
using several vias for a robust thermal and electrical
conduction path. Connect the input capacitors, the output
capacitors, and the source of the lower MOSFETs to the power
ground plane.
PGND (Pin 19)
This is the return path for the pull-down of the LGATE low-side
MOSFET gate driver. Ideally, PGND should be connected to
the source of the low-side MOSFET with a low-resistance, low-
inductance path.
VIN (Pin 17)
The VIN pin should be connected close to the drain of the high-
side MOSFET, using a low resistance and low inductance path.
VCC (Pin 4)
For best performance, place the decoupling capacitor very
close to the VCC and GND pins.
PVCC (Pin 18)
For best performance, place the decoupling capacitor very
close to the PVCC and respective PGND pin, preferably on the
same side of the PCB as the ISL62391, ISL62392, ISL62391C
and ISL62392C ICs.
EN (Pins 11 and 24), and PGOOD (Pin 1)
These are logic signals that are referenced to the GND pin.
Treat as a typical logic signal.
OCSET (Pins 10 and 25) and ISEN (Pins 9 and 26)
For DCR current sensing, the current-sense network,
consisting of ROCSET and CSEN, needs to be connected to the
inductor pads for accurate measurement. Connect ROCSET to
the phase-node side pad of the inductor, and connect CSEN to
the output side pad of the inductor. The ISEN resistor should
also be connected to the output pad of the inductor with a
separate trace. Connect the OCSET pin to the common node
of node of ROCSET and CSEN.
For resistive current sensing, connect ROCSET from the
OCSET pin to the inductor side of the resistor pad. The ISEN
resistor should be connected to the VOUT side of the resistor
pad.
In both current-sense configurations, the resistor and capacitor
sensing elements, with the exclusion of the current sense
power resistor, should be placed near the corresponding IC
pin. The trace connections to the inductor or sensing resistor
should be treated as Kelvin connections.
INDUCTOR
VIAS TO
GROUND
PLANE
VIN
VOUT
PHASE
NODE
GND
OUTPUT
CAPACITORS
LOW-SIDE
MOSFETS
INPUT
CAPACITORS
SCHOTTKY
DIODE
HIGH-SIDE
MOSFETS
FIGURE 29. TYPICAL POWER COMPONENT PLACEMENT
OUTPUT
CAPACITORS
SCHOTTKY
DIODE
LOW-SIDE
MOSFETS
INPUT
CAPACITORS
INDUCTOR
HIGH-SIDE
MOSFETS
GND
VIN
VIAS TO
GROUND
PLANE
PHASE
NODE
LINEOFSYMMETRY
PIN4(VCC)
PIN18(PVCC)
L2
Ci
Co
L1
Ci
Co
U2
L2
U1
L1
ISL6239
PGNDPLANE
PHASEPLANES
VOUTPLANES
VINPLANE
FIGURE 30. SYMMETRIC LAYOUT GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com