Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 13Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 18Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 19Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 20Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 17 of 22
August 25, 2015
Compensation Design
Figure 27 shows the recommended Type-II compensation circuit.
The FB pin is the inverting input of the error amplifier. The COMP
signal, the output of the error amplifier, is inside the chip and
unavailable to users. CINT is a 100pF capacitor integrated inside
the IC that connects across the FB pin and the COMP signal.
RTOP, RFB, CFB and CINT form the Type-II compensator. The
frequency domain transfer function is given by Equation 15:
The LC output filter has a double pole at its resonant frequency
that causes rapid phase change. The R3 modulator used in the
ISL62391, ISL62392, ISL62391C and ISL62392C make the LC
output filter resemble a first order system in which the closed loop
stability can be achieved with the recommended Type-II
compensation network. Intersil provides a PC-based tool
(example page is shown later) that can be used to calculate
compensation network component values and help simulate
the loop frequency response.
3.3V Linear Regulator
In addition to the two SMPS outputs, the ISL62391, ISL62392,
ISL62391C and ISL62392C also provide a fixed 3.3V LDO output
(LDO3) capable of sourcing 100mA continuous current. LDO3
draws its power from PVCC and can be independently enabled
from both SMPS channels.
LDO3 also has a current limit feature with a nominal level of
180mA. Currents in excess of the limit will cause the LDO3
voltage to drop dramatically, limiting the power dissipation.
Thermal Monitor and Protection
LDO3 and PVCC LDOs can dissipate non-trivial power inside the
ISL62391, ISL62392, ISL62391C and ISL62392C at high input-
to-output voltage ratios and full load conditions. To protect the
silicon, ISL62391, ISL62392, ISL62391C and ISL62392C
continually monitor the die temperature. If the temperature
exceeds +150°C, all outputs will be turned off to sharply curtail
power dissipation. The outputs will remain off until the junction
temperature has fallen below +135°C.
General Application Design Guide
This design guide is intended to provide a high-level explanation
of the steps necessary to design a single-phase power
converter. It is assumed that the reader is familiar with many of
the basic skills and techniques referenced in the following
section. In addition to this guide, Intersil provides complete
reference designs that include schematics, bills of materials, and
example board layouts.
Selecting the LC Output Filter
The duty cycle of an ideal buck converter is a function of the
input and the output voltage. This relationship is written as
Equation 16:
The output inductor peak-to-peak ripple current is written as
Equation 17:
A typical step-down DC/DC converter will have an IP-P of 20%
to 40% of the maximum DC output load current. The value of
IP-P is selected based upon several criteria, such as MOSFET
switching loss, inductor core loss, and the resistive loss of the
inductor winding. The DC copper loss of the inductor can be
estimated by Equation 18:
Where ILOAD is the converter output DC current.
The copper loss can be significant so attention has to be given
to the DCR selection. Another factor to consider when
choosing the inductor is its saturation characteristics at
elevated temperature. A saturated inductor could cause
destruction of circuit components, as well as nuisance OCP
faults.
A DC/DC buck regulator must have output capacitance CO into
which ripple current IP-P can flow. Current IP-P develops a
corresponding ripple voltage VP-P across CO, which is the sum
of the voltage drop across the capacitor ESR and of the voltage
change stemming from charge moved in and out of the
capacitor. These two voltages are written as Equation 19:
and Equation 20:
If the output of the converter has to support a load with high
pulsating current, several capacitors will need to be paralleled to
reduce the total ESR until the required VP-P is achieved. The
inductance of the capacitor can cause a brief voltage dip if the
RBOTTOM
VREF R
TOP
VOUT VREF
–
-------------------------------------
=
(EQ. 14)
(EQ. 15)
GCOMP s

1s RTOP RFB
+
 C
FB
+
sRTOP CINT 1s RFB C
FB
+

-------------------------------------------------------------------------------------------
=
ISL62391, ISL62392
RBOTTOM
EA
+
FB
CINT = 100pF
-
REF
VO
FIGURE 27. COMPENSATION REFERENCE CIRCUIT
RTOP
RFB
CFB
COMP
D
VO
VIN
---------
=
(EQ. 16)
(EQ. 17)
IPP
VO 1D
–

fSW L
------------------------------
=
(EQ. 18)
PCOPPER
ILOAD
2 DCR
=
V
ESR
IP-P E
SR
=
(EQ. 19)
V
C
IP-P
8CO fSW
-----------------------------
=
(EQ. 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com