Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62391IRTZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL62391IRTZ Datasheet HTML 14Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 15Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 16Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 17Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 18Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 19Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 20Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 21Page - Renesas Technology Corp ISL62391IRTZ Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ISL62391, ISL62392, ISL62391C, ISL62392C
FN6666 Rev 8.00
Page 18 of 22
August 25, 2015
load transient has an extremely high slew rate. Low inductance
capacitors should be considered in this scenario. A capacitor
dissipates heat as a function of RMS current and frequency. Be
sure that IP-P is shared by a sufficient quantity of paralleled
capacitors so that they operate below the maximum rated RMS
current at fSW. Take into account that the rated value of a
capacitor can fade as much as 50% as the DC voltage across it
increases.
Selection of the Input Capacitor
The important parameters for the bulk input capacitance are
the voltage rating and the RMS current rating. For reliable
operation, select bulk capacitors with voltage and current
ratings above the maximum input voltage and capable of
supplying the RMS current required by the switching circuit.
Their voltage rating should be at least 1.25x greater than the
maximum input voltage, while a voltage rating of 1.5x is a
preferred rating. Figure 28 is a graph of the input RMS ripple
current (normalized relative to output load current) as a function
of duty cycle and is adjusted for a converter efficiency of 80%.
The ripple current calculation is written as Equation 21:
Where:
-IMAX is the maximum continuous ILOAD of the converter
- x is a multiplier (0 to 1) corresponding to the inductor
peak-to-peak ripple amplitude expressed as a percentage
of IMAX (0% to 100%)
- D is the duty cycle that is adjusted to take into account the
efficiency of the converter which is written as Equation 22.
In addition to the bulk capacitance, some low ESL ceramic
capacitance is recommended to decouple between the drain of
the high-side MOSFET and the source of the low-side
MOSFET.
MOSFET Selection and Considerations
Typically, a MOSFET cannot tolerate even brief excursions
beyond their maximum drain to source voltage rating. The
MOSFETs used in the power stage of the converter should
have a maximum VDS rating that exceeds the sum of the upper
voltage tolerance of the input power source and the voltage
spike that occurs when the MOSFET switches off.
There are several power MOSFETs readily available that are
optimized for DC/DC converter applications. The preferred
high-side MOSFET emphasizes low gate charge so that the
device spends the least amount of time dissipating power in
the linear region. Unlike the low-side MOSFET, which has the
drain-source voltage clamped by its body diode during turn off,
the high-side MOSFET turns off with a VDS of approximately
VIN -VOUT, plus the spike across it. The preferred low-side
MOSFET emphasizes low r DS(ON) when fully saturated to
minimize conduction loss. It should be noted that this is an
optimal configuration of MOSFET selection for low duty cycle
applications (D < 50%). For higher output, low input voltage
solutions, a more balanced MOSFET selection for high- and
low-side devices may be warranted.
For the low-side (LS) MOSFET, the power loss can be assumed
to be conductive only and is written as Equation 23:
For the high-side (HS) MOSFET, the conduction loss is written
as Equation 24:
For the high-side MOSFET, the switching loss is written as
Equation 25:
Where:
-IVALLEY is the difference of the DC component of the
inductor current minus 1/2 of the inductor ripple current
-IPEAK is the sum of the DC component of the inductor
current plus 1/2 of the inductor ripple current
-tON is the time required to drive the device into saturation
-tOFF is the time required to drive the device into cut-off
Selecting The Bootstrap Capacitor
The selection of the bootstrap capacitor is written as Equation
26:
(EQ. 21)
IIN_RMS NORMALIZED
DD
2
–

D
x
2
12
------


+
=
D
VO
VIN EFF
--------------------------
=
(EQ. 22)
FIGURE 28. NORMALIZED RMS INPUT CURRENT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
DUTY CYCLE
x = 1
x = 0.75
x = 0.50
x = 0.25
x = 0
(EQ. 23)
PCON_LS ILOAD
2 r
DS ON
_LS 1D
–

(EQ. 24)
PCON_HS
ILOAD
2 r
DS ON
_HS D
=
(EQ. 25)
PSW_HS
VIN IVALLEY tON fSW
2
-----------------------------------------------------------------
VIN IPEAK tOFF fSW
2
-------------------------------------------------------------
+
=
CBOOT
Qg
V
BOOT
------------------------
=
(EQ. 26)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com