Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 5 Page - Analog Devices

  AD8318 Datasheet HTML 1Page - Analog Devices AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8318
Rev. 0 | Page 5 of 24
Parameter
Conditions
Min
Typ
Max
Unit
Fall Time
Input Level = off to –10 dBm, 90% to 10%
10
ns
Rise Time
Input Level = –10 dBm to off, 10% to 90%
12
ns
VSET INTERFACE
VSET (Pin 7)
Nominal Input Range
RFIN = 0 dBm; measurement mode2
0.5
RFIN = –65 dBm; measurement mode2
2.1
V
Logarithmic Scale Factor
–0.04
dB/mV
Bias Current Source
RFIN = −10 dBm; VSET = 2.1 V
2.5
µA
TEMPERATURE REFERENCE
TEMP (Pin 13)
Output Voltage
TA = 25
°C, R
L
= 10 k
Ω
0.57
0.6
0.63
V
Temperature Slope
–40
°C ≤ T
A
≤ +85°C, R
L
= 10 k
Ω
2
mV/
°C
Current Source/Sink
TA = 25
°C
10/0.1
mA
POWER-DOWN INTERFACE
ENBL (Pin 16)
Logic Level to Enable Device
1.7
V
ENBL Current When Enabled
ENBL = 5 V
<1
µA
ENBL Current When Disabled
ENBL = 0 V; Sourcing
15
µA
POWER INTERFACE
VPSI (Pins 3, 4), VPSO (Pin 9)
Supply Voltage
4.5
5
5.5
V
Quiescent Current
ENBL = 5 V
50
68
52
mA
vs. Temperature
–40
°C ≤ T
A
≤ +85°C
68
mA
Supply Current when Disabled
ENBL = 0 V, Total Currents for VPSI and VPSO
260
µA
vs. Temperature
–40
°C ≤ T
A
≤ +85°C
350
µA
1 Controller mode
2 (Gain = 1) For other gains, see Measurement Mode section of the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com