Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8318
Rev. 0 | Page 14 of 24
Table 5. Recommended TADJ Resistors
Frequency
Recommended TADJ
900 MHz
500 Ω
1.9 MHz
500 Ω
2.2 GHz
500 Ω
3.6 GHz
51 Ω
5.8 GHz
1 kΩ
8 GHz
500 Ω
TEMPERATURE SENSOR
The AD8318 internally generates a voltage that is proportional-
to-absolute-temperature (VPTAT). The VPTAT voltage is multiplied
by a factor of 5, resulting in a +2 mV/°C output at the TEMP pin.
The output voltage at 27°C is typically 600 mV. An emitter
follower drives the TEMP pin, as shown in Figure 28.
1k
Ω
4k
Ω
CMIP
INTERNAL
VPSI
TEMP
Figure 28. Temp Sensor Interface
The internal pull-down resistance is 5 kΩ. The temperature
sensor has a slope of +2 mV/°C.
The temp sensor output will vary with output current due to
increased die temperature. Output loads less than 1 kΩ will draw
enough current from the output stage causing this increase to
occur. An output current of 10 mA will result in the voltage on
the temp sensor to increase by 1.5°C, or ~3 mV.
To get the best precision from the temperature sensor, ensure
that supply current to AD8318 remains fairly constant (i.e., no
heavy load drive).
MEASUREMENT MODE
When the VOUT voltage or a portion of the VOUT voltage is fed
back to VSET, the device operates in measurement mode. As
seen in Figure 29, the AD8318 has an offset voltage, a negative
slope, and a VOUT measurement intercept greater than its input
signal range.
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
PIN (dBm)
INTERCEPT
ERROR 25
°C
VOUT 25°C
RANGE FOR CALCULATION
OF SLOPE AND INTERCEPT
Figure 29. Typical Output Voltage vs. Input Signal
The output voltage versus input signal voltage of the
AD8318 is linear-in-dB over a multidecade range. The
equation for this function is of the form
VOUT = X × VSLOPE/DEC × log10(VIN/VINTERCEPT)
(1)
= X × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(2)
where:
X is the feedback factor in VSET = VOUT/X
VINTERCEPT is expressed in Vrms.
VSLOPE/DEC is nominally –500 mV/decade or −25 mV/dB.
VINTERCEPT expressed in dBV is the x-axis intercept of the
linear-in-dB transfer function shown in Figure 29.
VINTERCEPT is +7 dBV (+20 dBm, re: 50 Ω or 2.239 Vrms) for a
sinusoidal input signal.
The slope of the transfer function can be increased to
accommodate various converter mV per dB (LSB per dB)
requirements. However, increasing the slope may reduce
the dynamic range. This is due to the limitation of the
minimum and maximum output voltages, determined by
the chosen scaling factor X.
The minimum value for VOUT is X × VOFFSET. An offset
voltage, VOFFSET, of 0.5 V is internally added to the detector
signal.
VOUT(MIN) = (X × VOFFSET)
The maximum output voltage is 2.1 V × X, and cannot
exceed 400 mV below the positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com