Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8318
Rev. 0 | Page 16 of 24
In general, the calibration is performed by applying two known
signal levels to the AD8318’s input and measuring the
corresponding output voltages. The calibration points are
generally chosen to be within the linear-in-dB operating range of
the device (see Figure 30). Calculation of slope and intercept is
done using the equations
Slope = (VOUT1 − VOUT2)/(PIN1 – PIN2)
(9)
Intercept = PIN1 − VOUT1/Slope
(10)
Once Slope and Intercept have been calculated, an equation can
be written which will allow calculation of an (unknown) input
power based on the output voltage of the detector.
PIN(unknown) = VOUT(measured)/Slope + Intercept
(11)
Using the equation for the ideal output voltage (7) as a reference,
the log conformance error of the measured data can be
calculated:
Error(dB) = (VOUT(MEASURED) − VOUT(IDEAL))/Slope
(12)
Figure 30 includes a plot of the error at 25°C, the temperature at
which the log amp is calibrated. Note that the error is not zero.
This is because the log amp does not perfectly follow the ideal
VOUT versus PIN equation, even within its operating region. The
error at the calibration points (−12 dBm and −52 dBm in this
case) will, however, be equal to zero by definition.
Figure 30 also includes error plots for the output voltage at
−40°C and +85 °C. These error plots are calculated using the
slope and intercept at 25°C. This is consistent with calibration in
a mass-production environment where calibration at
temperature is not practical.
SELECTING CALIBRATION POINTS TO IMPROVE
ACCURACY OVER A REDUCED RANGE
In some applications very high accuracy is required at just one
power level or over a reduced input range. For example, in a
wireless transmitter, the accuracy of the high power amplifier
(HPA) will be most critical at or close to full power.
Figure 31 shows the same measured data as Figure 30. Notice
that accuracy is very high from −10 dBm to −30 dBm. Below
−30 dBm the error increases to about −1 dB. This is because the
calibration points have been changed to −14 dBm and −26 dBm.
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.4
0.2
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–65 –60 –55
–45 –40 –35 –30
–20
–10
–5
0
5
PIN (dBm)
PIN1
PIN2
ERROR +25
°C
ERROR –40
°C
ERROR +85
°C
VOUT +25°C
VOUT –40°C
VOUT +85°C
VOUT2
VOUT1
Figure 31. Output Voltage and Error vs. PIN with 2-Point Calibration at
–10 dBm and –30 dBm
Calibration points should be chosen to suit the application
at hand. In general, though, the calibration points should
never be chosen in the nonlinear portion of the log amp’s
transfer function (above −5 dBm or below −60 dBm in this
case).
Figure 32 shows how calibration points can be adjusted to
increase dynamic range, but at the expense of linearity. In
this case the calibration points for slope and intercept are set
at −4 dBm and −60 dBm. These points are at the end of the
device’s linear range. Once again at 25°C, we see an error of
0 dB at the calibration points. Note also that the range over
which the AD8318 maintains an error of < ±1 dB is
extended to 60 dB at 25°C and 58 dB over temperature. The
disadvantage of this approach is that linearity suffers,
especially at the top end of the input range.
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VOUT +25°C
VOUT –40°C
VOUT +85°C
ERROR +25
°C
ERROR –40
°C
ERROR +85
°C
58dB DYNAMIC RANGE (
±1dB ERROR)
Figure 32. Dynamic Range Extension by Choosing Calibration Points
that are Close to the End of the Linear Range
Another way of presenting the error function of a log amp
detector is shown in Figure 33. In this case, the dB error at
hot and cold temperatures is calculated with respect to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com