Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8318
Rev. 0 | Page 10 of 24
j2
–j2
j0.5
–j0.5
j0.2
–j0.2
0
0.2
0.5
1
2
START FREQUENCY = 0.1GHz
STOP FREQUENCY = 8GHz
j1
–j1
5.8GHz
8GHz
3.6GHz
2.2GHz
1.9GHz
0.9GHz
0.1GHz
Figure 15. Input Impedance vs. Frequency; No Termination Resistor on INHI
0.07
0
0.01
0.02
0.03
0.04
0.05
0.06
1.4
1.5
1.6
1.7
1.8
VENBL (V)
DECREASING VENBL
INCREASING VENBL
Figure 16. Supply Current vs. Enable Voltage
20ns PER HORIZONTAL DIVISION
VOUT
GND
200mV/VERTICAL
DIVISION
PULSED RF INPUT 0.1GHz,
–10dBm
Figure 17. VOUT Pulse Response Time. Pulsed RF Input 0.1 GHz, –10 dBm;
CLPF = Open
10k
1k
100
10
1
3
10
30
100
300
1k
3k
10k
FREQUENCY (kHz)
–40dBm
–20dBm
–10dBm
0dBm
RF OFF
–60dBm
Figure 18. Noise Spectral Density of Output; CLPF = Open
1k
100
10
1
3
10
30
100
300
1k
3k
10k
FREQUENCY (kHz)
Figure 19. Noise Spectral Density of Output Buffer (from CLPF to VOUT);
CLPF = 0.1
µF
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
Figure 20. Output Voltage Stability vs. Supply Voltage at 1.9 GHz When VP
Varies by 10%, Multiple Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com