Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8318
Rev. 0 | Page 13 of 24
Table 4. Input Impedance for Select Frequency
S11
Frequency
MHz
Real
Imaginary
Impedance Ω
(Series)
100
0.918
−0.041
927-j491
456
0.905
−0.183
173-j430
900
0.834
−0.350
61-j233
1900
0.605
−0.595
28-j117
2200
0.524
−0.616
28-j102
3600
0.070
−0.601
26-j49
5300
−0.369
−0.305
20-j16
5800
−0.326
−0.286
22-j16
8000
−0.390
−0.062
22-j3
OUTPUT INTERFACE
The VOUT pin is driven by a PNP output stage. An internal 10 Ω
resistor is placed in series with the emitter follower output and
the VOUT pin. The rise time of the output is limited mainly by
the slew on CLPF. The fall time is an RC limited slew given by
the load capacitance and the pull-down resistance at VOUT.
There is an internal pull-down resistor of 350 Ω. Any resistive
load at VOUT is placed in parallel with the internal pull-down
resistor and provides additional discharge current.
+
0.2V
150
Ω
200
Ω
–
10
Ω
VOUT
VPSO
CLPF
CMOP
Figure 25. Output Interface
SETPOINT INTERFACE
The VSET input drives the high impedance (250 kΩ) input of an
internal op amp. The VSET voltage appears across the internal
3.13 kΩ resistor to generate ISET. When a portion of VOUT is
applied to VSET, the feedback loop forces −ID × log10
(VIN/VINTERCEPT) = ISET. If VSET = VOUT/X, then ISET =
VOUT/(X × 3.13 kΩ). The result is
VOUT = (−ID × 3.13 kΩ × X) × log10(VIN/VINTERCEPT)
3.13k
Ω
ISET
CMOP
VSET
Figure 26. VSET Interface
The slope is given by –ID × X × 3.13 kΩ = –500 mV × X. For
example, if a resistor divider to ground is used to generate a
VSET voltage of VOUT/2, then X = 2. The slope will be set to
–1 V/decade or –50 mV/dB.
TEMPERATURE COMPENSATION OF OUTPUT
VOLTAGE
The AD8318 functionality includes the capability to
externally trim the temperature drift. Attaching a ground-
referenced resistor to the TADJ pin alters an internal current,
which works to minimize intercept drift vs. temperature. As
a result, the TADJ resistor can be optimized for operation at
different frequencies.
2k
Ω
ICOMP
~0.4V
TADJ
2V
INTERNAL
V
Figure 27. TADJ Interface
A resistor, nominally 500 Ω for optimal temperature
compensation at 2.2 GHz input frequency, is connected
between this pin and ground (see Figure 22). The value of
this resistor partially determines the magnitude of an analog
correction coefficient, which is employed to reduce
intercept drift.
Table 5 lists recommended resistors for other frequencies.
These resistors have been chosen to provide the best overall
temperature drift based on measurements of a diverse
population of devices.
The relationship between output temperature drift and
frequency is not linear and cannot be easily modeled. As a
result, experimentation is required to choose the correct
TADJ resistor at frequencies not listed in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com