Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices AD8318 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8318
Rev. 0 | Page 20 of 24
The 45 dB control range is constant for the range of VSET
voltages. The input power levels to the AD8367 must be
optimized to achieve this range. In Figure 43 the minimum and
maximum input power levels are shown vs. setpoint voltage.
10
–80
–70
–60
–50
–40
–30
–20
–10
0
0.5
0.6
0.7
0.8
0.9
1.0
1.2
1.2
1.3
1.4
1.5
VSET (V)
MAXIMUM INPUT LEVEL
MINIMUM INPUT LEVEL
Figure 43. Setpoint Voltage vs. Input Power. Optimal signal levels must be
used to achieve the full 45 dB dynamic range capabilities of the AD8367.
In some cases, it may be found that if VGAIN is >1.0 V it may take
an unusually long time for the AGC loop to recover; that is, the
output of the AD8318 will remain at an abnormally high value
and the gain will be set to its maximum level. A voltage divider is
placed between the output of the AD8318 and the AD8367’s
GAIN pin to ensure that VGAIN will not exceed 1.0 V.
In Figure 40, CHP and RHP are configured to reduce oscillation
and distortion due to harmonics at higher gain settings. Some
additional filtering is recommended between the output of the
AD8367 and the input of the AD8318. This will help to decrease
the output noise of the AD8367, which may reduce the dynamic
range of the loop at higher gain settings (smaller VSET).
Response time and the amount of signal integration are
controlled by CFLT—this functionality is analogous to the
feedback capacitor around an integrating amplifier. While it is
possible to use large capacitors for CFLT, in most applications
values under 1 nF will provide sufficient filtering.
Calibration in controller mode is similar to the method used in
measurement mode. A simple two-point calibration can be done
by applying two known VSET voltages or DAC codes and
measuring the output power from the VGA. Slope and intercept
can then be calculated with the following equations.
Slope = (VSET1 − VSET2)/(POUT1 − POUT2)
(13)
Intercept = POUT1 − VSET1/Slope
(14)
VSET = Slope × (Px − Intercept)
(15)
More information on AGC applications can be found in the
AD8367 Data Sheet.
CHARACTERIZATION SETUPS AND METHODS
The general hardware configuration used for the AD8318
characterization is shown in Figure 45. The primary setup
used for characterization was measurement mode. The
characterization board is similar to the customer evaluation
board with the exception that the RFIN had a Rosenberger
SMA connector and R10 was changed to a 1 kΩ resistor to
remove cable capacitance from the bench characterization
setup. Slope and intercept were calculated using linear
regression from −50 dBm to −10 dBm. The slope and
intercept are used to generate an ideal line. Log conform-
ance error is the difference from the ideal line and the
measured output voltage for a given temperature in dB. For
additional information on the error calculation, refer to the
Device Calibration and Error Calculation section.
The hardware configuration for pulse response measure-
ment replaced the 0 Ω series resistor on the VOUT pin with
a 40 Ω resistor and the CLPF pin was left open. Pulse
response time was measured using a Tektronix TDS51504
Digital Phosphor Oscilloscope. Both channels on the scope
had 50 Ω termination selected. The 10 Ω internal to the
output interface and the 40 Ω series resistor attenuate the
output response by 2. RF input frequency was 100 MHz
with −10 dBm at the input of the device. The RF burst was
generated using SMT06 with the pulse option with a period
of 1.5 µS, a width of 0.1 µS, and a pulse delay of 0.04 µS. The
output response was triggered using the video out from the
SMT06. Refer to Figure 44 for an overview of the test setup.
VIDEO
OUT
RF OUT
–7dBm
R AND S SMT06
TEKTRONIX
TDS51504
CH1* CH3* TRIGGER
VOUT
GND
5V
AD8318
VPOS
VSET
INHI
INLO
40
Ω
52.3
Ω
1nF
1nF
*50
Ω
TERMINATION
3dB
SPLITTER
Figure 44. Pulse Response Measurement Test Setup
To measure noise spectral density, the evaluation replaced
the 0 Ω resistor in series with the VOUT pin with a 1 µF dc
blocking capacitor. The capacitor was used because the
FSEA cannot handle dc voltages at the RF input. The CLPF
pin was left open for data collected for Figure 18. For
Figure 19 a 1 µF capacitor was placed between CLPF and
ground. The large capacitor filtered the noise from the
detector stages of the log amp. Noise spectral density
measurements were made using R&S spectrum analyzer
FSEA and R&S SMT06 signal generator. The signal
generator’s frequency was set to 2.2 GHz. The spectrum
analyzer had a span of 10 Hz, resolution bandwidth of
50 Hz, video bandwidth of 50 Hz, and averaged the signal
100 times. Data was adjusted to account for the dc blocking
capacitor impedance on the output at lower frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com