Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8318
Rev. 0 | Page 12 of 24
USING THE AD8318
BASIC CONNECTIONS
The AD8318 is specified for operation up to 8 GHz, as a result
low impedance supply pins with adequate isolation between
functions are essential. In the AD8318, the two positive supply
pins, VPSI and VPSO, must be connected to the same potential.
The VPSI pin biases the input circuitry, while the VPSO biases
the low noise output driver for VOUT. Separate commons are
also included in the device. CMOP is used as the common for
the output drivers. All commons should be connected to a low
impedance ground plane.
A power supply voltage of between 4.5 V and 5.5 V should be
applied to VPS0 and VPS1. 100 pF and 0.1 µF power supply
decoupling capacitors should be connected close to each power
supply pin. (The two adjacent VPS1 pins can share a pair of
decoupling capacitors because of their proximity.)
12
CMIP
11
CMIP
10
TADJ
9
VPSO
1
CMIP
2
CMIP
3
VPSI
4
VPSI
13
TEMP
8
CMOP
14
INHI
7
VSET
15
INLO
6
VOUT
16
ENBL
5
CLPF
AD8318
C7
100pF
C8
0.1
µF
VS
C1
1nF
C2
1nF
499
Ω
(SEE TEXT)
C6
100pF
C5
0.1
µF
VS
R1
52.3
Ω
TEMP
OUT
RF
INPUT
VS
VOUT
Figure 22. Basic Connections
The paddle of the AD8318’s LFCSP package is internally
connected to CMIP. For optimum thermal and electrical
performance, the paddle should be soldered to a low impedance
ground plane.
ENABLE
To enable the AD8318, the ENBL pin must be pulled high.
Taking ENBL low will put the AD8318 in sleep mode, reducing
current consumption to 260 µA at ambient. The voltage on
ENBL must be greater than 2 VBE (~1.7 V) to enable the device.
When enabled the devices draws less than 1 µA. When the ENBL
pin is pulled low, the pin sources 15 µA.
The enable interface has high input impedance. A 200 Ω resistor
is placed in series with the ENBL input for added protection.
Figure 23 depicts a simplified schematic of the enable interface.
ENBL
CMIP
VPSI
2
× V
BE
2
× V
BE
DISCHARGE
ENABLE
40k
Ω
200
Ω
40k
Ω
Figure 23. ENBL Interface
INPUT SIGNAL COUPLING
The RF input to the AD8318 (INHI) is single-ended and
must be ac-coupled. INLO (input common) should be
ac-coupled to ground (See Figure 22). Suggested coupling
capacitors are 1 nF ceramic 0402 style capacitors for input
frequencies of 1 MHz to 8 GHz. The coupling capacitors
should be mounted close to the INHI and INLO pins. These
capacitor values can be increased to lower the input stage’s
high-pass cutoff frequency. The high-pass corner is set by
the input coupling capacitors and the internal 10 pF high-
pass capacitor. The dc voltage on INHI and INLO will be
about one diode voltage drop below VPSI.
The Smith chart in Figure 15 shows the AD8318’s input
impedance vs. frequency. Table 4 lists the reflection coeffi-
cient and impedance at select frequencies. For Figure 15 and
Table 4, the 52.3 Ω input termination resistor was removed.
At dc, the resistance is typically 2 kΩ. At frequencies up to 1
GHz, the impedance is approximated as 1000 Ω || 0.7 pF.
The RF input pins are coupled to a network given by the
simplified schematic in Figure 24.
VPSI
2k
Ω
A = 8.6dB
20k
Ω
20k
Ω
CURRENT
Gm
STAGE
INLO
INHI
OFFSET
COMP
10pF
10pF
FIRST
GAIN
STAGE
Figure 24. Input Interface
While the input can be reactively matched, in general this is
not necessary. An external 52.3 Ω shunt resistor (connected
on the signal side of the input coupling capacitors, see
Figure 22) combines with the relatively high input imped-
ance to give an adequate broadband 50 Ω match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com