Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 2 Page - Analog Devices

  AD8318 Datasheet HTML 1Page - Analog Devices AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8318
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Specifications ...................................................................................3
Absolute Maximum Ratings ..........................................................6
ESD Caution ................................................................................6
Pin Configuration and Functional Descriptions ........................7
Typical Performance Characteristics............................................8
General Description .................................................................... 11
Using the AD8318........................................................................ 12
Basic Connections ................................................................... 12
Enable ........................................................................................ 12
Input Signal Coupling ............................................................. 12
Output Interface....................................................................... 13
Setpoint Interface..................................................................... 13
Temperature Compensation of Output Voltage .................. 13
Temperature Sensor................................................................. 14
Measurement Mode ................................................................. 14
Device Calibration and Error Calculation............................ 15
Selecting Calibration Points to Improve Accuracy over a
Reduced Range ......................................................................... 16
Variation in Temperature Drift from Device to Device...... 17
Temperature Drift at Different Temperatures ...................... 17
Setting the Output Slope in Measurement Mode ................ 17
Response Time Capability ...................................................... 18
Controller Mode....................................................................... 18
Characterization Setups and Methods .................................. 20
Evaluation Board .......................................................................... 21
Outline Dimensions..................................................................... 23
Ordering Guide ........................................................................ 23
REVISION HISTORY
7/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com