Electronic Components Datasheet Search
  English  ▼

X  

MMRF2010N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF2010N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2010N Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF2010N Datasheet HTML 1Page - NXP Semiconductors MMRF2010N Datasheet HTML 2Page - NXP Semiconductors MMRF2010N Datasheet HTML 3Page - NXP Semiconductors MMRF2010N Datasheet HTML 4Page - NXP Semiconductors MMRF2010N Datasheet HTML 5Page - NXP Semiconductors MMRF2010N Datasheet HTML 6Page - NXP Semiconductors MMRF2010N Datasheet HTML 7Page - NXP Semiconductors MMRF2010N Datasheet HTML 8Page - NXP Semiconductors MMRF2010N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MMRF2010N MMRF2010GN
3
RF Device Data
NXP Semiconductors
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =55 Vdc, VGS =0 Vdc)
IDSS
—
—
1
μAdc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
Stage 1 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =52 μAdc)
VGS(th)
1.3
1.8
2.3
Vdc
Fixture Gate Quiescent Voltage
(VDD =50 Vdc, IDQ1 = 80 mAdc, Measured in Functional Test)
VGG(Q)
6.0
7.0
8.0
Vdc
Stage 2 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =55 Vdc, VGS =0 Vdc)
IDSS
—
—
1
μAdc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
Stage 2 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 528 μAdc)
VGS(th)
1.3
1.8
2.3
Vdc
Fixture Gate Quiescent Voltage
(VDD =50 Vdc, IDQ2 = 150 mAdc, Measured in Functional Test)
VGG(Q)
2.2
2.7
3.2
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1.6 Adc)
VDS(on)
—
0.25
—
Vdc
Functional Tests (1,2) (In NXP Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ1 =80 mA, IDQ2 = 150 mA, Pout = 250 W Peak
(25 W Avg.), f = 1090 MHz, 128 μsec Pulse Width, 10% Duty Cycle
Power Gain
Gps
30.5
32.1
34.0
dB
2nd Stage Drain Efficiency
ηD
57.0
61.4
—
%
Load Mismatch/Ruggedness (In NXP Test Fixture, 50 ohm system) IDQ1 =80 mA, IDQ2 = 150 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
1090
Pulse
(128 μsec,
10% Duty
Cycle)
> 10:1 at all Phase Angles
0.345 W Peak
(3 dB Overdrive)
50
No Device Degradation
Table 6. Ordering Information
Device
Tape and Reel Information
Package
MMRF2010NR1
R1 Suffix = 500 Units, 44 mm Tape Width, 13--inch Reel
TO--270WB--14
MMRF2010GNR1
TO--270WBG--14
1. Part internally input matched.
2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull wing
(GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com